Electronic Components Datasheet Search
  English  ▼

X  

ZX1 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # ZX1
Description  CMOS Laser Sensor with Built-in Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

ZX1 Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button ZX1 Datasheet HTML 2Page - Omron Electronics LLC ZX1 Datasheet HTML 3Page - Omron Electronics LLC ZX1 Datasheet HTML 4Page - Omron Electronics LLC ZX1 Datasheet HTML 5Page - Omron Electronics LLC ZX1 Datasheet HTML 6Page - Omron Electronics LLC ZX1 Datasheet HTML 7Page - Omron Electronics LLC ZX1 Datasheet HTML 8Page - Omron Electronics LLC ZX1 Datasheet HTML 9Page - Omron Electronics LLC ZX1 Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ZX0
6
Dimensions
Sensors
(Unit: mm)
Tolerance class IT16 applies to dimensions in this datasheet unless
2.5
37.8
2.4
18.7
Reference surface
Reference surface
Reference surface
Emitter center position mark
Emitter axis
Two, 3.2 dia
(mounting holes)
10.5
15.1
42.3
14.23
Emitter
center
7
16.7
10.1
Emitter
axis
Receiver axis
(10.5)
(2)
35.3
3.2
47
52.5
46.1
L*
(Measurement center distance)
Vinyl insulated round robot cable, 6.5 dia., 9 conductors
(Conductor cross section: 0.125 mm², Insulator diameter: 0.7 mm)
Standard length: 2 m (pre-wired model), 0.5 m (pre-wired connector model)
Minimum bending radius: 39 mm
A*
(10.2)
11.7
24.1
Mounting hole dimensions
Emitter center position mark
Two, M3
Reference surface
Reference surface
23.6±0.1
3.2±0.1
35.3±0.1
49.3±0.1
*ZX0-LD50: L = 50, A = 21°
ZX0-LD100: L = 100, A = 11.5°
Pre-wired Models
ZX0-LD50A
@1(L)
ZX0-LD100A
@1(L)
Pre-wired Connector Models
ZX0-LD50A
@6
ZX0-LD100A
@6
Emitter
center
Emitter axis
Emitter axis
Receiver axis
Reference surface
Reference surface
Reference surface
Two, 4.5 dia
(mounting holes)
(13.6)
50.1
(1.9)
4.5
45.6
57
66
15.5
L*
(Measurement center distance)
(10.2)
10.1
7
55.8
10.7
27.2
17
22
13.6
A*
3
50.3
3
Vinyl insulated round robot cable, 6.5 dia., 9 conductors
(Conductor cross section: 0.125 mm², Insulator diameter: 0.7 mm)
Standard length: 2 m (pre-wired model), 0.5 m (pre-wired connector model)
Minimum bending radius: 39 mm
Mounting hole dimensions
Emitter center position mark
Emitter center position mark
Two, M4 4.5±0.1
Reference surface
Reference surface
30.1±0.1
45.6±0.1
61.5±0.1
21.3
*ZX0-LD300: L = 300, A = 6.6°
ZX0-LD600: L = 600, A = 3.4°
Pre-wired Models
ZX0-LD300A
@1(L)
ZX0-LD600A
@1(L)
Pre-wired Connector Models
ZX0-LD300A
@6
ZX0-LD600A
@6
15.5 dia.
39.8
TUNE button
[ST] Smart tuning indicator (blue)
[LD ON] Laser ON indicator (green)
[MENU] Menu indicator (orange)
[ZERO] Zero reset indicator (orange)
OUT1 output indicator (orange)
OUT2 output indicator
(orange)
UP button
DOWN button
MODE button
Digital display
Display, Indicators, and Controls
Pre-wired connector



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com