Electronic Components Datasheet Search
  English  ▼

X  

ZX1 Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # ZX1
Description  CMOS Laser Sensor with Built-in Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

ZX1 Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button ZX1 Datasheet HTML 2Page - Omron Electronics LLC ZX1 Datasheet HTML 3Page - Omron Electronics LLC ZX1 Datasheet HTML 4Page - Omron Electronics LLC ZX1 Datasheet HTML 5Page - Omron Electronics LLC ZX1 Datasheet HTML 6Page - Omron Electronics LLC ZX1 Datasheet HTML 7Page - Omron Electronics LLC ZX1 Datasheet HTML 8Page - Omron Electronics LLC ZX1 Datasheet HTML 9Page - Omron Electronics LLC ZX1 Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
ZX0
7
Accessories (sold separately)
Shield
37.3
Bending start position: 40 mm
15 dia.
L *
90
Vinyl insulated round robot cable, 6.5 dia.
Minimum bending radius: 39 mm
* Cable length (L) is as follows.
ZX0-XC10R: 10 m, ZX0-XC20R: 20 m
Extension Cables for Pre-wired Connector Models
ZX0-XC10R (10 m)
ZX0-XC20R (20 m)
Nut plate
Mounting Bracket
Mounting Bracket
Nut plate
46.1
11.7
4°
5.5°
41.3
32.1
4.8
62
2-R2
20
47.6
6
53.6
P=0.5
2-M3
3.5°
8°
15.5
57
52
42.4
6.2
4.5 dia.
76
22
8
67.1
59.1
P=0.7
2-M4
7.9
3.2
62
41.3
4.4
22.5
18
45.6
18.1
37.8
3.2
8.3
55.2
76
25.6
22.3
51.2
18.5
52.6
Reference
surface
Reference
surface
Mounting Bracket
Nut plate
Mounting Bracket
Nut plate
2-R2
3.5 dia.
3.5
3.5
6.7
6.5
14.8
(21.7)
15
12
12
7.5
4.5
19.1
4.5
9.1
(27.6)
18.5
Material :
Stainless steel
(SUS304)
Thickness : 1.5 mm
Material : Stainless steel (SUS304)
Thickness : 2.0 mm
Accessories : Two phillips screws
(M3×30, P = 0.5, Stainless steel) and one nut plate
Material :
Stainless steel
(SUS304)
Thickness : 2.0 mm
Material : Stainless steel (SUS304)
Thickness : 2.0 mm
Accessories : Two phillips screws
(M4×35, P = 0.7, Stainless steel) and one nut plate
Mounting Bracket for ZX0-LD50
@/ZX0-LD100@
E39-L180
Mounting Bracket for ZX0-LD300
@/ZX0-LD600@
E39-L181
Installation Method (ZX0-LD50
@/ZX0-LD100@)
Using E39-L180 Mounting Bracket
Installation Method (ZX0-LD300
@/ZX0-LD600@)
Using E39-L181 Mounting Bracket



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com