Electronic Components Datasheet Search
  English  ▼

X  

ZX1 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # ZX1
Description  CMOS Laser Sensor with Built-in Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

ZX1 Datasheet(HTML) 4 Page - Omron Electronics LLC

  ZX1 Datasheet HTML 1Page - Omron Electronics LLC ZX1 Datasheet HTML 2Page - Omron Electronics LLC ZX1 Datasheet HTML 3Page - Omron Electronics LLC ZX1 Datasheet HTML 4Page - Omron Electronics LLC ZX1 Datasheet HTML 5Page - Omron Electronics LLC ZX1 Datasheet HTML 6Page - Omron Electronics LLC ZX1 Datasheet HTML 7Page - Omron Electronics LLC ZX1 Datasheet HTML 8Page - Omron Electronics LLC ZX1 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ZX0
4
Engineering Data (Reference Value)
Spot Diameter Vs. Distance
I/O Circuit Diagrams
NPN Output Model
PNP Output Model
ZX0-LD50
@
ZX0-LD100
@
ZX0-LD300
@
ZX0-LD600
@
0
0.2
0.4
0.6
0.8
1.0
1.2
40
45
50
55
60
Distance [mm]
X direction
Y direction
X
Y
0
0.2
0.4
0.6
0.8
1.0
1.2
65
135
120
130
110
100
90
80
70
X
Y
Distance [mm]
X direction
Y direction
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
150
450
400
350
300
250
200
X
Y
Distance [mm]
X direction
Y direction
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
200
1000
800
600
400
X
Y
Distance [mm]
X direction
Y direction
0
Brown: 10 to 30 VDC
10 to 30 VDC
White: OUT1
judgment output
Green: OUT2
judgment output
Blue: GND (0 V)
Orange: TUNE1 input
Pink: TUNE2 input
Purple: Zero reset input
Red: LD-OFF input
Black: Monitor output
300
Ω max.
Shield: Monitor GND
Current output
4 to 20 mA
Load
Load
Load
Brown: 10 to 30 VDC
10 to
30 VDC
White: OUT1
judgment output
Green: OUT2
judgment output
Blue: GND (0 V)
Orange: TUNE1 input
Pink: TUNE2 input
Purple: Zero reset input
Red: LD-OFF input
Black: Monitor output
300
Ω max.
Shield: Monitor GND
Current output
4 to 20 mA
Load
Load
Load



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com