Electronic Components Datasheet Search
  English  ▼

X  

ZX1 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # ZX1
Description  CMOS Laser Sensor with Built-in Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

ZX1 Datasheet(HTML) 5 Page - Omron Electronics LLC

  ZX1 Datasheet HTML 1Page - Omron Electronics LLC ZX1 Datasheet HTML 2Page - Omron Electronics LLC ZX1 Datasheet HTML 3Page - Omron Electronics LLC ZX1 Datasheet HTML 4Page - Omron Electronics LLC ZX1 Datasheet HTML 5Page - Omron Electronics LLC ZX1 Datasheet HTML 6Page - Omron Electronics LLC ZX1 Datasheet HTML 7Page - Omron Electronics LLC ZX1 Datasheet HTML 8Page - Omron Electronics LLC ZX1 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ZX0
5
Safety Precautions
Be sure to read the precautions for all models in the website at: http://www.ia.omron.com/.
The ZX0-LD uses a laser as the light source. Lasers are classified
based on EN standard (EN 60825-1).
• The ZX0-LD has the following
WARNING label or explanatory label
on the side of the sensor.
Using in the U.S.
When using devices in which ZX0-LD is installed in the U.S., the
devices are subjected to the U.S. FDA (Food and Drug
Administration) laser regulations. ZX0 series is classified into Class 2
or Class 1 by the standard of IEC/EN60825-1 according to deviations
of Laser Notice No. 50 of this standard, and reported to CDRH
(Center for Devices and Radiological Health). (Accession Number:
1210040)
Replace the WARNING label or Explanatory Label with the
corresponding English label and put the FDA Certification label
(supplied with the sensor).
Using in a country other than the U.S.
For countries other than Japan and the U.S., warning labels or
explanatory labels must be replaced by English ones (supplied with
the product).
Using in Europe
ZX0-LD
@@ are classified in Class 2 under EN 60825-1, and ZX0-
LD
@@L are classified in Class 1 under EN 60825-1.
Note: For Precautions for safe use and Precautions for correct use,
refer to the Instruction Sheet supplied with the product.
This datasheet contains information only for selecting the appropriate model.
Be sure to read the Instruction Sheet for usage precautions prior to using the product.
SAFETY PRECAUTIONS FOR USING LASER
EQUIPMENT
WARNING
Do not expose your eyes to the laser radiation either
directly or indirectly (i.e., after reflection from a
mirror or shiny surface). Loss of sight may possibly
occur in case of the exposure to laser high power
density.
Do not disassemble the product. Doing so may
cause the laser beam to leak, resulting in the danger
of visual impairment.
ZX0-LD
@@
Laser Warning Label
ZX0-LD
@@L
Explanatory Label



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com