Electronic Components Datasheet Search
  English  ▼

X  

ZX1 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # ZX1
Description  CMOS Laser Sensor with Built-in Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

ZX1 Datasheet(HTML) 3 Page - Omron Electronics LLC

  ZX1 Datasheet HTML 1Page - Omron Electronics LLC ZX1 Datasheet HTML 2Page - Omron Electronics LLC ZX1 Datasheet HTML 3Page - Omron Electronics LLC ZX1 Datasheet HTML 4Page - Omron Electronics LLC ZX1 Datasheet HTML 5Page - Omron Electronics LLC ZX1 Datasheet HTML 6Page - Omron Electronics LLC ZX1 Datasheet HTML 7Page - Omron Electronics LLC ZX1 Datasheet HTML 8Page - Omron Electronics LLC ZX1 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ZX0
3
Ratings and Specifications
Note: Refer to the table given below for the ratings and specifications of Sensors with Class 1 lasers.
*1 The values were measured at the center of the sensing distance using OMRON’s standard sensing object (white ceramic).
*2. Classified as Class 2 by IEC60825-1 criteria in accordance with the FDA standard provisions of Laser Notice No. 50. CDRH registration has been
completed. (Center for Devices and Radiological Health) (Accession Number: 1210040)
*3. Spot diameter: Defined as 1/e2 (13.5%) of the central intensity at the measurement center distance.
False detections can occur in the case there is light leakage outside the defined region and the surroundings of the target object have a high
reflectance in comparison to the target object.
Accurate measurements may not be possible for workpieces that are smaller than the spot diameter.
*4. IP67 protection applies to the connector on pre-wired connector models if an extension cable is connected.
*5. Use a Pre-wired Connector Model together with an Extension Cable (10 m or 20 m).
Ratings and Specifications of Sensors with Class 1 lasers (ZX0-LD
@L)
The ratings and specifications that are different from those of the Sensors with Class 2 lasers are given below.
Accession Number: 1210040
Model
NPN output
ZX0-LD50A61
ZX0-LD50A66
ZX0-LD100A61
ZX0-LD100A66
ZX0-LD300A61
ZX0-LD300A66
ZX0-LD600A61
ZX0-LD600A66
Item
PNP output
ZX0-LD50A81
ZX0-LD50A86
ZX0-LD100A81
ZX0-LD100A86
ZX0-LD300A81
ZX0-LD300A86
ZX0-LD600A81
ZX0-LD600A86
Sensing distance
50
± 10 mm
100
± 35 mm
300
± 150 mm
600
± 400 mm
Standard
detectable level
difference *1
Ambient temperature of
10 to 40
°C
0.2 mm
0.7 mm
3.0 mm
15 mm
Ambient temperature of
−10 to 55°C
0.5 mm
1.0 mm
6.0 mm
25 mm
Light source (wavelength)
Visible-light semiconductor laser
(wavelength: 660 nm, 1 mW max., IEC/EN Class 2, FDA Class 2 *2)
Spot diameter (reference value)
(Defined at the measurement center
distance) *3
0.17 mm dia.
0.33 mm dia.
0.52 mm dia.
0.56 mm dia.
Power supply voltage
10 to 30 VDC (including 10% ripple (p-p))
Power consumption
2,500 mW max. (105 mA max. at 24 VDC, 210 mA max. at 12 VDC)
Control output
Load power supply voltage: 30 VDC max., Load current: 100 mA max.
(Residual voltage: 1 V max. (load current 10 mA or less), 2 V max. (load current of 10 to 100 mA))
Monitor output
Current output: 4 to 20 mA, maximum load resistance: 300
Ω
(The output is 20 mA for the nearest point in the measurement range in respect to the Sensor and
4 mA for the farthest point.)
Functions
Smart tuning, keep function, background removal, OFF-delay timer, ON-delay timer, one-shot timer,
ON/OFF-delay timer, zero reset, area output, eco function, hysteresis width setting, and setting
initialization
Indicators
Digital display (red), output indicator (OUT1, OUT2) (orange), zero reset indicator (orange), menu
indicator (orange), laser ON indicator (green), and smart tuning indicator (blue)
Response time
Judgment output
Super-high-speed (SHS) Mode: 1.5 ms, Very-high-speed (VHS) Mode: 3 ms, High-speed (HS)
Mode: 10 ms, or Standard (STND) Mode : 50 ms
Laser OFF input
200 ms max.
Zero reset input
200 ms max.
Ambient illumination
Illumination on received light surface:
7,500 lx or less (incandescent light)
Illumination on received light surface:
5,000 lx or less (incandescent light)
Ambient temperature
Operating:
−10 to 55°C, Storage: −15 to 70°C (with no icing or condensation)
Ambient humidity
Operating and storage: 35% to 85% (with no condensation)
Dielectric strength
1,000 VAC, 50/60 Hz, 1 minute
Vibration resistance (destruction)
10 to 55 Hz, 1.5-mm double amplitude, 2 hours each in X, Y, and Z directions
Shock resistance (destruction)
500 m/s2 3 times each in X, Y, and Z directions
Degree of protection *4
IEC IP67
Connection method *5
Pre-wired model (Standard cable length: 2 m)
Pre-wired connector model (Standard cable length: 0.5 m)
Weight
(packed state/
sensor only)
Pre-wired models (2 m)
Approx. 240 g / Approx. 180 g
Approx. 270 g / Approx. 210 g
Pre-wired models (5 m)
Approx. 450 g / Approx. 330 g
Approx. 480 g / Approx. 360 g
Pre-wired connector
models (0.5 m)
Approx. 170 g / Approx. 110 g
Approx. 200 g / Approx. 140 g
Materials
Case and cover: Polybutylene terephthalate, Optical window: Glass, Cable: PVC
Accessories
Instruction sheet, Laser warning label (English), and FDA certification label
Model
Item
ZX0-LD50A61L/ZX0-LD50A81L
ZX0-LD100A61L/ZX0-LD100A81
ZX0-LD300A61L/ZX0-LD300A81L
ZX0-LD600A61L/ZX0-LD600A81L
FDA Class
Class1 0.24 mW max.
IEC/EN Class
Class1 0.24 mW max.
Ambient illumination
Illumination on received light surface 5,000 lx or less
(incandescent light)
Illumination on received light surface 2,500 lx or less
(incandescent light)
Connection method
Pre-wired model (2 m)
Accessories
Instruction sheet and Explanatory label (English), FDA certification label



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com