Electronic Components Datasheet Search
  English  ▼

X  

ZX1 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # ZX1
Description  CMOS Laser Sensor with Built-in Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

ZX1 Datasheet(HTML) 1 Page - Omron Electronics LLC

  ZX1 Datasheet HTML 1Page - Omron Electronics LLC ZX1 Datasheet HTML 2Page - Omron Electronics LLC ZX1 Datasheet HTML 3Page - Omron Electronics LLC ZX1 Datasheet HTML 4Page - Omron Electronics LLC ZX1 Datasheet HTML 5Page - Omron Electronics LLC ZX1 Datasheet HTML 6Page - Omron Electronics LLC ZX1 Datasheet HTML 7Page - Omron Electronics LLC ZX1 Datasheet HTML 8Page - Omron Electronics LLC ZX1 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
New Product
CMOS Laser Sensor with Built-in Amplifier
ZX0
Stable Detection of Level Differences in
the Order of 0.1 mm
• Dependable detection without being influenced by color,
material, or surface conditions.
• Stable detection of small level differences or small
workpieces.
• Models with different distance specifications for installation in
essentially any location.
• Easy setup with one button.
• Compact design with built-in amplifier to reduce installation
work and space requirements.
Features
Refer to the Precautions for all Photoelectric
Sensors and Safety Precautions on page 5.
For the most recent information on models that have been certified for
safety standards, refer to your OMRON website.
A CMOS image sensor combines with a step-less laser power
adjustment algorithm to produce stable detection of all types of
workpieces from black rubber with low reflectivity to stainless
steel and other highly glossy materials.
The use of a CMOS image sensor ensures high
resolution and enables detection of small level
differences. An extremely narrow laser beam
spot ensures detection of small workpieces.
Light-emitting
element
Light-receiving
element
CMOS Image Sensor
For bright colors with high reflectivity:
Low-power
laser beam
For dark colors with low reflectivity:
High-power
laser beam
Step-less Laser Power Adjustment Algorithm
Model
Sensing distance Detectable level
difference*1
Spot
diameter*2
ZX0-LD50
ZX0-LD100
ZX0-LD300
ZX0-LD600
40 to 60 mm
65 to 135 mm
150 to 450 mm
200 to 1,000 mm
0.2 mm
0.7 mm
3.0 mm
15.0 mm
0.17 mm
0.33 mm
0.52 mm
0.56 mm
*1. When the ambient temperature is 10 to 40°C.
*2. Reference values at the center of sensing distance.
Models with four different distances, from long-distance to
short-distance detection, cover a wide range of user designs.
The built-in amplifier achieves a smaller body. And because you
do not need to install an amplifier unit, installation work and
footprint are reduced. Also, an IP67 body and robot cable are
used to eliminate installation environment restrictions.
ZX0-LD50
ZX0-LD100
ZX0-LD300
ZX0-LD600
0
50
100
150
200
250
300
350
400
450
500
550
600
650
700
750
800
850
900
950
1000
1 m
Sensing distance:
40 to 60 mm
Standard detectable
level difference:
0.2 mm*
Sensing distance:
65 to 135 mm
Standard detectable
level difference:
0.7 mm*
Sensing distance:
150 to 450 mm
Standard detectable
level difference:
3.0 mm*
Sensing distance:
200 to 1,000 mm
Standard detectable
level difference:
15.0 mm*
*When the ambient temperature is 10 to 40°C.
Stability
Simplicity
Detection of Essentially Any Workpiece
CMOS Image Sensor That Stably Detects Object without
Being Influenced by Color, Material, or Surface Conditions
CMOS
image
sensor
Stable Detection of Small Level Differences
or Small Workpieces
High Resolution and Narrow Beam Provide Stable Detection of
Small Level Differences and Small Workpieces
Elimination of Installation Restrictions
Models with Different Distance Specifications for Installation
in Essentially Any Location and with Built-in Amplifier.


Similar Part No. - ZX1

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
ZX10 DIOTEC-ZX10 Datasheet
112Kb / 2P
Silicon-Power-Z-Diodes (non-planar technology)
ZX10 DIOTEC-ZX10 Datasheet
114Kb / 2P
Silicon-Power-Z-Diodes (non-planar technology)
logo
New Jersey Semi-Conduct...
ZX10 NJSEMI-ZX10 Datasheet
166Kb / 2P
Silicon Power Z Diodes
logo
Mini-Circuits
ZX10-2-12 MINI-ZX10-2-12 Datasheet
136Kb / 1P
Power Splitters/Combiners 2 Way-0째, 50??2 to 12600 MHz
ZX10-2-12+ MINI-ZX10-2-12+ Datasheet
280Kb / 1P
POWER SPLITTER/COMBINERS
More results

Similar Description - ZX1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KC7789 ETC1-KC7789 Datasheet
72Kb / 1P
PIR SENSOR WITH BUILT-IN AMPLIFIER
logo
Omron Electronics LLC
E3G-L77 OMRON-E3G-L77 Datasheet
909Kb / 12P
Long-distance Photoelectric Sensor with Built-in Amplifier
E3S-2B41 OMRON-E3S-2B41 Datasheet
1Mb / 15P
Photoelectric Sensor with Built-in Amplifier
E3Z-T61A OMRON-E3Z-T61A Datasheet
2Mb / 19P
Compact Photoelectric Sensor with Built-in Amplifier
E3Z-D62 OMRON-E3Z-D62 Datasheet
486Kb / 15P
Photoelectric Sensor with Built-in Amplifier
E3Z-D81 OMRON-E3Z-D81 Datasheet
2Mb / 19P
Compact Photoelectric Sensor with Built-in Amplifier
E3Z-R61 OMRON-E3Z-R61 Datasheet
2Mb / 19P
Compact Photoelectric Sensor with Built-in Amplifier
E3Z-T66A OMRON-E3Z-T66A Datasheet
486Kb / 15P
Photoelectric Sensor with Built-in Amplifier
E3S OMRON-E3S Datasheet
1Mb / 15P
Photoelectric Sensor with Built-in Amplifier
E3Z OMRON-E3Z Datasheet
3Mb / 17P
Compact Photoelectric Sensor with Built-in Amplifier
2019.6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com