Electronic Components Datasheet Search
  English  ▼

X  

ZX1 Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # ZX1
Description  CMOS Laser Sensor with Built-in Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

ZX1 Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button ZX1 Datasheet HTML 2Page - Omron Electronics LLC ZX1 Datasheet HTML 3Page - Omron Electronics LLC ZX1 Datasheet HTML 4Page - Omron Electronics LLC ZX1 Datasheet HTML 5Page - Omron Electronics LLC ZX1 Datasheet HTML 6Page - Omron Electronics LLC ZX1 Datasheet HTML 7Page - Omron Electronics LLC ZX1 Datasheet HTML 8Page - Omron Electronics LLC ZX1 Datasheet HTML 9Page - Omron Electronics LLC ZX1 Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Authorized Distributor:
In the interest of product improvement,
specifications are subject to change without notice.
Cat. No. E444-E1-01
0815 (0815)
© OMRON Corporation 2015 All Rights Reserved.
OMRON Corporation
Industrial Automation Company
OMRON ELECTRONICS LLC
2895 Greenspoint Parkway, Suite 200
Hoffman Estates, IL 60169 U.S.A.
Tel: (1) 847-843-7900/Fax: (1) 847-843-7787
Regional Headquarters
OMRON EUROPE B.V.
Sensor Business Unit
Carl-Benz-Str. 4, D-71154 Nufringen, Germany
Tel: (49) 7032-811-0/Fax: (49) 7032-811-199
Contact: www.ia.omron.com
Kyoto, JAPAN
OMRON ASIA PACIFIC PTE. LTD.
No. 438A Alexandra Road # 05-05/08 (Lobby 2),
Alexandra Technopark,
Singapore 119967
Tel: (65) 6835-3011/Fax: (65) 6835-2711
OMRON (CHINA) CO., LTD.
Room 2211, Bank of China Tower,
200 Yin Cheng Zhong Road,
PuDong New Area, Shanghai, 200120, China
CSM_1_1_0815
Tel: (86) 21-5037-2222/Fax: (86) 21-5037-2200



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com