Electronic Components Datasheet Search
  English  ▼

X  

DM080104 Datasheet(PDF) 18 Page - Microchip Technology

Part # DM080104
Description  ATtiny1627 Curiosity Nano Hardware User Guide
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM080104 Datasheet(HTML) 18 Page - Microchip Technology

Back Button DM080104 Datasheet HTML 14Page - Microchip Technology DM080104 Datasheet HTML 15Page - Microchip Technology DM080104 Datasheet HTML 16Page - Microchip Technology DM080104 Datasheet HTML 17Page - Microchip Technology DM080104 Datasheet HTML 18Page - Microchip Technology DM080104 Datasheet HTML 19Page - Microchip Technology DM080104 Datasheet HTML 20Page - Microchip Technology DM080104 Datasheet HTML 21Page - Microchip Technology DM080104 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
3.4
Low Power Measurement
Power to the ATtiny1627 is connected from the on-board power supply and VTG pin through a 100 mil pin header
marked with “POWER” in silkscreen (J101). To measure the power consumption of the ATtiny1627 and other
peripherals connected to the board, cut the Target Power strap and connect an ammeter over the strap.
To measure the lowest possible power consumption follow these steps:
1.
Cut the POWER strap with a sharp tool.
2.
Solder a 1x2 100 mil pin header in the footprint.
3.
Connect an ammeter to the pin header.
4.
Write firmware that.
4.1.
Tri-states any I/O connected to the on-board debugger.
4.2.
Sets the microcontroller in its lowest power Sleep state.
5.
Program the firmware into the ATtiny1627.
Figure 3-7. Target Power Strap
Target Power strap (top side)
Tip:  A 100-mil pin header can be soldered into the Target Power strap (J101) footprint for easy
connection of an ammeter. Once the ammeter is no longer needed, place a jumper cap on the pin header.
Info:  The on-board level shifters will draw a small amount of current even when they are not in use. A
maximum of 2 µA can be drawn from each I/O pin connected to a level shifter for a total of 10 µA. Keep
any I/O pin connected to a level shifter in tri-state to prevent leakage. All I/Os connected to the on-board
debugger are listed in 4.2.4.1 On-Board Debugger Connections. To prevent any leakage to the on-board
level shifters, they can be disconnected completely, as described in 7.4 Disconnecting the On-board
Debugger.
ATtiny1627
Curiosity Nano
© 2020 Microchip Technology Inc.
User Guide
DS40002199A-page 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com