Electronic Components Datasheet Search
  English  ▼

X  

DM080104 Datasheet(PDF) 24 Page - Microchip Technology

Part # DM080104
Description  ATtiny1627 Curiosity Nano Hardware User Guide
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM080104 Datasheet(HTML) 24 Page - Microchip Technology

Back Button DM080104 Datasheet HTML 20Page - Microchip Technology DM080104 Datasheet HTML 21Page - Microchip Technology DM080104 Datasheet HTML 22Page - Microchip Technology DM080104 Datasheet HTML 23Page - Microchip Technology DM080104 Datasheet HTML 24Page - Microchip Technology DM080104 Datasheet HTML 25Page - Microchip Technology DM080104 Datasheet HTML 26Page - Microchip Technology DM080104 Datasheet HTML 27Page - Microchip Technology DM080104 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
4.
Hardware User Guide
4.1
Connectors
4.1.1
ATtiny1627 Curiosity Nano Pinout
All the ATtiny1627 I/O pins are accessible at the edge connectors on the board. The image below shows the board
pinout. For all available functions on each pin, refer to the I/O Multiplexing and Considerations section in the
ATtiny1627 data sheet.
Figure 4-1. ATtiny1627 Curiosity Nano Pinout
USB
DEBUGGER
ATtiny1627
SW0
LED0
PS LED
NC
ID
CDC RX
USART0 TX
PB2
CDC TX
USART0 RX
PB3
DBG1
PB7
LED0
DBG2
PC4
SW0
PA1
USART[0/1] TX
PA2
USART[0/1] RX
PB1
TWI0 SDA
PB0
TWI0 SCL
PC2
SPI0 MOSI
PC1
SPI0 MISO
PC0
SPI0 SCK
PC3
SPI0 SS
GND
PB2
USART0 TX
(TOSC2)
PB3
USART0 RX
(TOSC1)
VBUS
VOFF
DBG3
DBG0
PA0
UPDI
GND
VTG
PB6
PB5
AIN8
PB4
AIN9
TCA0 WO1
PA3
AIN3
TCA0 WO3
PA4
AIN4
TCA0 WO4
PA5
AIN5
PA6
AIN6
PA7
AIN7
GND
PC5
PC4
SW0
DEBUGGER
ATtiny1627
Analog
Debug
I2C
SPI
UART
Peripheral
Port
PWM
Power
Ground
Shared pin
ATtiny1627
Curiosity Nano
4.1.2
Using Pin Headers
The edge connector footprint on ATtiny1627 Curiosity Nano has a staggered design where each hole is shifted 8 mil
(~0.2 mm) off-center. The hole shift allows the use of regular 100 mil pin headers on the board without soldering.
Once the pin headers are firmly in place, they can be used in normal applications like pin sockets and prototyping
boards without any issues.
Tip:  Start at one end of the pin header and gradually insert the header along the length of the board.
Once all the pins are in place, use a flat surface to push them in.
Tip:  For applications where the pin headers will be used permanently, it is still recommended to solder
them in place.
ATtiny1627
Hardware User Guide
© 2020 Microchip Technology Inc.
User Guide
DS40002199A-page 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com