Electronic Components Datasheet Search
  English  ▼

X  

DM080104 Datasheet(PDF) 7 Page - Microchip Technology

Part # DM080104
Description  ATtiny1627 Curiosity Nano Hardware User Guide
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM080104 Datasheet(HTML) 7 Page - Microchip Technology

Back Button DM080104 Datasheet HTML 3Page - Microchip Technology DM080104 Datasheet HTML 4Page - Microchip Technology DM080104 Datasheet HTML 5Page - Microchip Technology DM080104 Datasheet HTML 6Page - Microchip Technology DM080104 Datasheet HTML 7Page - Microchip Technology DM080104 Datasheet HTML 8Page - Microchip Technology DM080104 Datasheet HTML 9Page - Microchip Technology DM080104 Datasheet HTML 10Page - Microchip Technology DM080104 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
3.
Curiosity Nano
Curiosity Nano is an evaluation platform of small boards with access to most of the microcontrollers I/Os. The
platform consists of a series of low pin count microcontroller (MCU) boards with on-board debuggers, which are
integrated with Atmel Studio/Microchip MPLAB® X IDE. Each board is identified in the IDE. When plugged in, a Kit
Window is displayed with links to key documentation, including relevant user guides, application notes, data sheets,
and example code. Everything is easy to find. The on-board debugger features a virtual serial port (CDC) for serial
communication to a host PC and a Data Gateway Interface (DGI) with debug GPIO pin(s).
3.1
On-Board Debugger Overview
ATtiny1627 Curiosity Nano contains an on-board debugger for programming and debugging. The on-board debugger
is a composite USB device consisting of several interfaces:
• A debugger that can program and debug the ATtiny1627 in Atmel Studio/Microchip MPLAB® X IDE
• A mass storage device that allows drag-and-drop programming of the ATtiny1627
• A virtual serial port (CDC) that is connected to a Universal Asynchronous Receiver/Transmitter (UART) on the
ATtiny1627, and provides an easy way to communicate with the target application through terminal software
• A Data Gateway Interface (DGI) for code instrumentation with logic analyzer channels (debug GPIO) to visualize
program flow
The on-board debugger controls a Power and Status LED (marked PS) on the ATtiny1627 Curiosity Nano Board. The
table below shows how the LED is controlled in different operation modes.
Table 3-1. On-Board Debugger LED Control
Operation Mode
Power and Status LED
Boot Loader mode
The LED blinks slowly during power-up
Power-up
The LED is ON
Normal operation
The LED is ON
Programming
Activity indicator: The LED blinks slowly during programming/debugging.
Drag-and-drop
programming
Success:
The LED blinks slowly for 2 sec.
Failure:
The LED blinks rapidly for 2 sec.
Fault
The LED blinks rapidly if a power fault is detected
Sleep/Off
The LED is OFF. The on-board debugger is either in a sleep mode or powered down.
This can occur if the board is externally powered.
Info:  Slow blinking is approximately 1 Hz, and rapid blinking is approximately 5 Hz.
3.1.1
Debugger
The on-board debugger on the ATtiny1627 Curiosity Nano Board appears as a Human Interface Device (HID) on the
host computer’s USB subsystem. The debugger supports full-featured programming and debugging of the
ATtiny1627 using Atmel Studio/Microchip MPLAB® X IDE, as well as some third-party IDEs.
ATtiny1627
Curiosity Nano
© 2020 Microchip Technology Inc.
User Guide
DS40002199A-page 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com