Electronic Components Datasheet Search
  English  ▼

X  

DM080104 Datasheet(PDF) 10 Page - Microchip Technology

Part # DM080104
Description  ATtiny1627 Curiosity Nano Hardware User Guide
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM080104 Datasheet(HTML) 10 Page - Microchip Technology

Back Button DM080104 Datasheet HTML 6Page - Microchip Technology DM080104 Datasheet HTML 7Page - Microchip Technology DM080104 Datasheet HTML 8Page - Microchip Technology DM080104 Datasheet HTML 9Page - Microchip Technology DM080104 Datasheet HTML 10Page - Microchip Technology DM080104 Datasheet HTML 11Page - Microchip Technology DM080104 Datasheet HTML 12Page - Microchip Technology DM080104 Datasheet HTML 13Page - Microchip Technology DM080104 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
3.1.2.5
Advanced Use
CDC Override Mode
In normal operation, the on-board debugger is a true UART bridge between the host and the device. However, in
certain use cases, the on-board debugger can override the basic operating mode and use the CDC TX and RX pins
for other purposes.
Dropping a text file into the on-board debugger’s mass storage drive can be used to send characters out of the
debugger’s CDC TX pin. The filename and extension are trivial, but the text file must start with the characters:
CMD:SEND_UART=
Debugger firmware version 1.20 or earlier has the following limitations:
• The maximum message length is 50 characters – all remaining data in the frame are ignored.
• The default baud rate used in this mode is 9600 bps, but if the CDC is already active or has been configured,
the previously used baud rate still applies.
Debugger firmware version 1.21 and later has the following limitations/features:
• The maximum message length may vary depending on MSC/SCSI layer timeouts on the host computer and/or
operating system. A single SCSI frame of 512b (498 characters of payload) is guaranteed, and files of up to 4k
will work on most systems. The transfer will complete on the first NULL character encountered in the file.
• The baud rate used is always 9600 bps for the default command
CMD:SEND_UART=
CDC Override Mode should not be used simultaneously with data transfer over CDC / terminal. If a CDC
terminal session is active at the time a file is received via CDC Override Mode, it will be suspended for the
duration of the operation and resumed once complete.
• Additional commands are supported with explicit baud rates:
CMD:SEND_9600=
CMD:SEND_115200=
CMD:SEND_460800=
USB-Level Framing Considerations
Sending data from the host to the CDC can be done byte-wise or in blocks, which will be chunked into 64-byte USB
frames. Each such frame will be queued up for sending to the debugger’s CDC TX pin. Transferring a small amount
of data per frame can be inefficient, particularly at low baud rates, because the on-board debugger buffers frames
and not bytes. A maximum of four 64-byte frames can be active at any time. The on-board debugger will throttle the
incoming frames accordingly. Sending full 64-byte frames containing data is the most efficient method.
When receiving data on the debugger’s CDC RX pin, the on-board debugger will queue up the incoming bytes into
64-byte frames, which are sent to the USB queue for transmission to the host when they are full. Incomplete frames
are also pushed to the USB queue at approximately 100 ms intervals, triggered by USB start-of-frame tokens. Up to
eight 64-byte frames can be active at any time.
If the host (or the software running on it) fails to receive data fast enough, an overrun will occur. When this happens,
the last-filled buffer frame will be recycled instead of being sent to the USB queue, and a full frame of data will be
lost. To prevent this occurrence, the user must ensure that the CDC data pipe is being read continuously, or the
incoming data rate must be reduced.
3.1.3
Mass Storage Device
The on-board debugger includes a simple Mass Storage Device implementation, which is accessible for read/write
operations via the host operating system to which it is connected.
It provides:
• Read access to basic text and HTML files for detailed kit information and support
ATtiny1627
Curiosity Nano
© 2020 Microchip Technology Inc.
User Guide
DS40002199A-page 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com