Electronic Components Datasheet Search
  English  ▼

X  

DM080104 Datasheet(PDF) 5 Page - Microchip Technology

Part # DM080104
Description  ATtiny1627 Curiosity Nano Hardware User Guide
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM080104 Datasheet(HTML) 5 Page - Microchip Technology

  DM080104 Datasheet HTML 1Page - Microchip Technology DM080104 Datasheet HTML 2Page - Microchip Technology DM080104 Datasheet HTML 3Page - Microchip Technology DM080104 Datasheet HTML 4Page - Microchip Technology DM080104 Datasheet HTML 5Page - Microchip Technology DM080104 Datasheet HTML 6Page - Microchip Technology DM080104 Datasheet HTML 7Page - Microchip Technology DM080104 Datasheet HTML 8Page - Microchip Technology DM080104 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
2.
Getting Started
2.1
Quick Start
Steps to start exploring the ATtiny1627 Curiosity Nano Board:
1.
Download Atmel Studio/Microchip MPLAB® X IDE.
2.
Launch Atmel Studio/Microchip MPLAB® X IDE.
3.
Optional: Use MPLAB® Code Configurator or Atmel START to generate drivers and examples.
4.
Write your application code.
5.
Connect a USB cable (Standard-A to Micro-B or Micro-AB) between the PC and the debug USB port on the
board.
Driver Installation
When the board is connected to your computer for the first time, the operating system will perform a driver software
installation. The driver file supports both 32- and 64-bit versions of Microsoft® Windows® XP, Windows Vista®,
Windows 7, Windows 8, and Windows 10. The drivers for the board are included with Atmel Studio/Microchip
MPLAB® X IDE.
Kit Window
Once the board is powered, the green status LED will be lit, and Atmel Studio/Microchip MPLAB® X IDE will auto-
detect which boards are connected. Atmel Studio/Microchip MPLAB® X IDE will present relevant information like data
sheets and board documentation. The ATtiny1627 device on the ATtiny1627 Curiosity Nano Board is programmed
and debugged by the on-board debugger and, therefore, no external programmer or debugger tool is required.
Tip:  The Kit Window can be opened in MPLAB X IDE through the menu bar Window > Kit Window.
2.2
Design Documentation and Relevant Links
The following list contains links to the most relevant documents and software for the ATtiny1627 Curiosity Nano
Board:
• MPLAB® X IDE - MPLAB X IDE is a software program that runs on a PC (Windows®, Mac OS®, Linux®) to
develop applications for Microchip microcontrollers and digital signal controllers. It is called an Integrated
Development Environment (IDE) because it provides a single integrated “environment” to develop code for
embedded microcontrollers.
• Atmel Studio - Free IDE for the development of C/C++ and assembler code for microcontrollers.
• IAR Embedded Workbench® for AVR® - This is a commercial C/C++ compiler that is available for AVR
microcontrollers. There is a 30-day evaluation version as well as a 4 KB code-size-limited kick-start version
available from their website.
• MPLAB® Code Configurator - MPLAB Code Configurator (MCC) is a free software plug-in that provides a
graphical interface to configure peripherals and functions specific to your application.
• Atmel START - Atmel START is an online tool that hosts code examples, helps the user to select and configure
software components, and tailor your embedded application in a usable and optimized manner.
• Microchip Sample Store - Microchip sample store where you can order samples of devices.
• MPLAB Data Visualizer - MPLAB Data Visualizer is a program used for processing and visualizing data. The
Data Visualizer can receive data from various sources such as serial ports and on-board debugger’s Data
Gateway Interface, as found on Curiosity Nano and Xplained Pro boards.
• Studio Data Visualizer - Studio Data Visualizer is a program used for processing and visualizing data. The
Data Visualizer can receive data from various sources such as serial ports, on-board debugger’s Data Gateway
Interface as found on Curiosity Nano and Xplained Pro boards, and power data from the Power Debugger.
ATtiny1627
Getting Started
© 2020 Microchip Technology Inc.
User Guide
DS40002199A-page 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com