Electronic Components Datasheet Search
  English  ▼

X  

DM080104 Datasheet(PDF) 16 Page - Microchip Technology

Part # DM080104
Description  ATtiny1627 Curiosity Nano Hardware User Guide
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM080104 Datasheet(HTML) 16 Page - Microchip Technology

Back Button DM080104 Datasheet HTML 12Page - Microchip Technology DM080104 Datasheet HTML 13Page - Microchip Technology DM080104 Datasheet HTML 14Page - Microchip Technology DM080104 Datasheet HTML 15Page - Microchip Technology DM080104 Datasheet HTML 16Page - Microchip Technology DM080104 Datasheet HTML 17Page - Microchip Technology DM080104 Datasheet HTML 18Page - Microchip Technology DM080104 Datasheet HTML 19Page - Microchip Technology DM080104 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
Info:  If the external voltage is lower than the monitoring window lower limit (target voltage setting - 100
mV), the on-board debugger status LED will blink rapidly. If the external voltage is higher than the
monitoring window upper limit (target voltage setting + 100 mV), the on-board debugger status LED will
continue to shine. If the external voltage is removed, the status LED will start to blink rapidly until the on-
board debugger detects the new situation and turns the target voltage regulator back on.
3.3.2
External Supply
ATtiny1627 Curiosity Nano can be powered by an external voltage instead of the on-board target regulator. When the
Voltage Off (VOFF) pin is shorted to ground (GND), the on-board debugger firmware disables the target regulator,
and it is safe to apply an external voltage to the VTG pin.
It is also safe to apply an external voltage to the VTG pin when no USB cable is plugged into the DEBUG connector
on the board.
The VOFF pin can be tied low/let go at any time. This will be detected by a pin-change interrupt to the on-board
debugger, which controls the target voltage regulator accordingly.
WARNING
Applying an external voltage to the VTG pin without shorting VOFF to GND may cause permanent damage
to the board.
WARNING
Do not apply any voltage to the VOFF pin. Let the pin float to enable the power supply.
WARNING
Absolute maximum external voltage is 5.5V for the on-board level shifters, and the standard operating
condition of the ATtiny1627 is 1.8-5.5V. Applying a higher voltage may cause permanent damage to the
board.
Info:  If an external voltage is applied without pulling the VOFF pin low and an external supply pulls the
voltage lower than the monitoring window lower limit (target voltage setting - 100 mV), the on-board
debugger status LED will blink rapidly and shut the on-board regulator off. If an external voltage is
suddenly removed when the VOFF pin is not pulled low, the status LED will start to blink rapidly, until the
on-board debugger detects the new situation and switches the target voltage regulator back on.
Programming, debugging, and data streaming is still possible with an external power supply – the debugger and
signal level shifters will be powered from the USB cable. Both regulators, the debugger and the level shifters, are
powered down when the USB cable is removed.
Info:  In addition to the power consumed by the ATtiny1627 and its peripherals, approximately 100 µA will
be drawn from any external power source to power the on-board level shifters and voltage monitor circuitry
when a USB cable is plugged in the DEBUG connector on the board. When a USB cable is not plugged in,
some current is used to supply the level shifters voltage pins, which have a worst-case current
consumption of approximately 5 µA. Typical values may be as low as 100 nA.
3.3.3
VBUS Output Pin
ATtiny1627 Curiosity Nano has a VBUS output pin that can be used to power external components that need a 5V
supply. The VBUS output pin has a PTC fuse to protect the USB against short circuits. A side effect of the PTC fuse
is a voltage drop on the VBUS output with higher current loads. The chart below shows the voltage versus the current
load of the VBUS output.
ATtiny1627
Curiosity Nano
© 2020 Microchip Technology Inc.
User Guide
DS40002199A-page 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com