Electronic Components Datasheet Search
  English  ▼

X  

DM080104 Datasheet(PDF) 14 Page - Microchip Technology

Part # DM080104
Description  ATtiny1627 Curiosity Nano Hardware User Guide
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM080104 Datasheet(HTML) 14 Page - Microchip Technology

Back Button DM080104 Datasheet HTML 10Page - Microchip Technology DM080104 Datasheet HTML 11Page - Microchip Technology DM080104 Datasheet HTML 12Page - Microchip Technology DM080104 Datasheet HTML 13Page - Microchip Technology DM080104 Datasheet HTML 14Page - Microchip Technology DM080104 Datasheet HTML 15Page - Microchip Technology DM080104 Datasheet HTML 16Page - Microchip Technology DM080104 Datasheet HTML 17Page - Microchip Technology DM080104 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
...........continued
Debugger Signal
Target MCU
Description
NC
—
No connect
VBUS
—
VBUS voltage for external use
VOFF
—
Voltage Off input. Disables the target regulator and
target voltage when pulled low.
VTG
—
Target voltage
GND
—
Common ground
Figure 3-3. Curiosity Nano Standard Pinout
USB
DEBUGGER
PS LED
NC
ID
CDC RX
CDC TX
DBG1
DBG2
VBUS
VOFF
DBG3
DBG0
GND
VTG
CURIOSITY NANO
3.3
Power Supply
The board is powered through the USB port and contains two LDO regulators, one to generate 3.3V for the on-board
debugger, and an adjustable LDO regulator for the target microcontroller ATtiny1627 and its peripherals. The voltage
from the USB connector can vary between 4.4V to 5.25V (according to the USB specification) and will limit the
maximum voltage to the target. The figure below shows the entire power supply system on ATtiny1627 Curiosity
Nano.
Figure 3-4. Power Supply Block Diagram
USB
Target
MCU
Power source
Cut strap
Power consumer
P3V3
DEBUGGER
Power converter
DEBUGGER
Regulator
VUSB
Target
Regulator
Power
Supply
strap
Adjust
Level
shifter
VLVL
VREG
I/O
I/O
GPIO
straps
I/O
On/Off
Measure
On/Off
ID system
#VOFF
PTC
Fuse
Power protection
VBUS
Target
Power
strap
VTG
ATtiny1627
Curiosity Nano
© 2020 Microchip Technology Inc.
User Guide
DS40002199A-page 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com