Electronic Components Datasheet Search
  English  ▼

X  

CS330125 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # CS330125
Description  MAGNETIC POWDER CORES
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS330125 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button CS330125 Datasheet HTML 14Page - List of Unclassifed Manufacturers CS330125 Datasheet HTML 15Page - List of Unclassifed Manufacturers CS330125 Datasheet HTML 16Page - List of Unclassifed Manufacturers CS330125 Datasheet HTML 17Page - List of Unclassifed Manufacturers CS330125 Datasheet HTML 18Page - List of Unclassifed Manufacturers CS330125 Datasheet HTML 19Page - List of Unclassifed Manufacturers CS330125 Datasheet HTML 20Page - List of Unclassifed Manufacturers CS330125 Datasheet HTML 21Page - List of Unclassifed Manufacturers CS330125 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
Magnetic Powder Cores :::
34
33 ::: Chang Sung Corporation
OD097
Core Dimensions
OD(max)
ID(min)
HT(max)
Before coating
(mm)
9.65
4.78
3.96
(inch)
0.380
0.188
0.156
After coating
(mm)
10.29
4.27
4.57
(Epoxy)
(inch)
0.405
0.168
0.180
Magnetic Dimensions
Cross Section
Path Length
Window Area
Volume
(A)
( )
(Wa)
(V)
0.0945cm2
2.18cm
0.1429cm2
0.2060cm3
0.01465in2
0.859in
28,200cmil
0.01258in3
Winding Information
Single layer winding with 1 inch leads
AWG Wire
Single Layer
AWG Wire
Single Layer
No. Dia(cm)
Turn Rdc,
No. Dia(cm)
Turn Rdc,
19
20
21
22
23
24
25
26
27
0.0980
0.0879
0.0785
0.0701
0.0632
0.0566
0.0505
0.0452
0.0409
9
11
12
14
16
18
21
23
26
0.00567
0.00783
0.0109
0.0152
0.0209
0.0291
0.0405
0.0567
0.0782
28
29
30
31
32
33
34
35
36
0.0366
0.0330
0.0294
0.0267
0.0241
0.0216
0.0191
0.0170
0.0152
29
33
37
41
46
51
58
65
73
0.110
0.150
0.212
0.293
0.397
0.558
0.795
1.12
1.55
Available Cores
Part No.
MPP
High Flux
Sendust
Mega Flux
Perm.
(μ)
AL
(nH/N2)
CM097026
CM097060
_
_
CM097125
CM097147
CM097160
CM097173
CM097200
CH097026
CH097060
_
_
CH097125
CH097147
CH097160
_
_
_
CS097060
CS097075
CS097090
CS097125
_
_
_
_
_
CK097060
CK097075
CK097090
_
_
_
_
_
14
32
40
48
66
78
84
92
105
26
60
75
90
125
147
160
173
200
ID 4.78mm
HT 3.96mm
OD 9.65mm / 0.380inch
AL vs NI Curve (60μ, 125μ)
OD096
Core Dimensions
OD(max)
ID(min)
HT(max)
Before coating
(mm)
9.65
4.78
3.18
(inch)
0.380
0.188
0.125
After coating
(mm)
10.29
4.27
3.81
(Epoxy)
(inch)
0.405
0.168
0.150
Magnetic Dimensions
Cross Section
Path Length
Window Area
Volume
(A)
( )
(Wa)
(V)
0.0752cm2
2.18cm
0.1429cm2
0.1639cm3
0.01166in2
0.859in
28,200cmil
0.0100in3
Winding Information
Single layer winding with 1 inch leads
AWG Wire
Single Layer
AWG Wire
Single Layer
No. Dia(cm)
Turn Rdc,
No. Dia(cm)
Turn Rdc,
19
20
21
22
23
24
25
26
27
0.0980
0.0879
0.0785
0.0701
0.0632
0.0566
0.0505
0.0452
0.0409
9
11
12
14
16
18
21
23
26
0.0053
0.0073
0.0101
0.0141
0.0193
0.0268
0.0372
0.0519
0.0714
28
29
30
31
32
33
34
35
36
0.0366
0.0330
0.0294
0.0267
0.0241
0.0216
0.0191
0.0170
0.0152
29
33
37
41
46
51
58
65
73
0.100
0.136
0.193
0.266
0.360
0.505
0.719
1.01
1.40
Available Cores
Part No.
MPP
High Flux
Sendust
Mega Flux
Perm.
(μ)
AL
(nH/N2)
CM096026
CM096060
-
-
CM096125
CM096147
CM096160
CM096173
CM096200
CH096026
CH096060
-
-
CH096125
CH096147
CH096160
-
-
-
CS096060
CS096075
CS096090
CS096125
-
-
-
-
-
CK096060
CK096075
CK096090
-
-
-
-
-
11
25
32
38
53
63
68
74
84
26
60
75
90
125
147
160
173
200
ID 4.78mm
HT 3.18mm
AL vs NI Curve (60μ, 125μ)
OD 9.65mm / 0.380inch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com