Electronic Components Datasheet Search
  English  ▼

X  

CS330125 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # CS330125
Description  MAGNETIC POWDER CORES
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS330125 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  CS330125 Datasheet HTML 1Page - List of Unclassifed Manufacturers CS330125 Datasheet HTML 2Page - List of Unclassifed Manufacturers CS330125 Datasheet HTML 3Page - List of Unclassifed Manufacturers CS330125 Datasheet HTML 4Page - List of Unclassifed Manufacturers CS330125 Datasheet HTML 5Page - List of Unclassifed Manufacturers CS330125 Datasheet HTML 6Page - List of Unclassifed Manufacturers CS330125 Datasheet HTML 7Page - List of Unclassifed Manufacturers CS330125 Datasheet HTML 8Page - List of Unclassifed Manufacturers CS330125 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
07 ::: Chang Sung Corporation
Magnetic Powder Cores :::
08
MAGNETIC POWDER CORES
TECHNICAL DATA
3.94 1.52 1.96
4.32 1.98 2.97
5.21 1.93 3.30
6.99 2.29 3.43
7.24 2.29 3.18
7.32 2.21 5.54
7.62 3.45 5.72
8.51 3.43 3.81
10.29 4.27 3.81
10.29 4.27 4.57
10.80 4.57 4.57
11.90 5.89 4.72
13.46 6.99 5.51
17.40 9.53 7.11
18.03 9.02 7.11
21.1 12.07 7.11
23.62 13.39 8.38
24.30 13.77 9.70
27.70 14.10 11.99
33.83 19.30 11.61
35.20 22.60 9.83
36.70 21.50 11.28
40.70 23.30 15.37
47.60 23.30 18.92
47.60 27.90 16.13
51.70 30.90 14.35
58.00 25.60 16.10
58.00 34.70 14.86
63.1 31.37 26.27
75.2 44.07 36.27
78.9 48.0 13.97
78.9 48.0 17.2
90.0 64.74 17.2
103.1 55.7 17.9
134.2 77.0 26.8
167.2 86.9 27.3
Magnetic
Path Length
(cm)
Cross
Section
A(cm2)
CM
after finish 40% winding
factor
CH
CS
CK
Before Finish
After Finish
Weight(gm)
Dimensions(mm)
OD(max) X ID(min) X HT(max)
Part Number
CM : MPP Core, CH : High Flux Core, CS : Sendust Core, CK : Mega Flux Core
Window area : area of inner diameter.
In addition to the cores listed above, customized specifications are also available.
C
035
C
039
C
046
C
063
C
066
C
067
C
068
C
078
C
096
C
097
C
102
C
112
C
127
C
166
C
172
C
203
C
229
C
234
C
270
C
330
C
343
C
358
C
400
C
467
C
468
C
508
C
571
C
572
C
610
C
740
C
777
C
778
C
888
C
1016
C
1325
C
1650
0.817
0.942
1.060
1.361
1.363
1.363
1.650
1.787
2.18
2.18
2.38
2.69
3.12
4.11
4.14
5.09
5.67
5.88
6.35
8.15
8.95
8.98
9.84
10.74
11.63
12.73
12.50
14.30
14.37
18.38
20.00
20.00
24.01
24.27
32.42
38.65
0.0137
0.0211
0.0285
0.0470
0.0476
0.0920
0.0725
0.0615
0.0752
0.0945
0.1000
0.0906
0.114
0.192
0.232
0.226
0.331
0.388
0.654
0.672
0.454
0.678
1.072
1.990
1.340
1.250
2.29
1.444
3.675
5.040
1.770
2.270
18.30
3.522
6.71
9.46
Window
Area
(cm2)
Package
Unit
(pcs/box)
0.018
0.0308
0.0290
0.0412
0.0412
0.0384
0.0934
0.0922
0.1429
0.1429
0.164
0.273
0.383
0.713
0.638
1.14
1.41
1.49
1.56
2.93
4.01
3.64
4.27
4.27
6.11
7.50
5.14
9.48
7.73
15.25
17.99
17.99
32.92
24.36
45.56
59.31
Surface Area(cm2)
0.47
0.74
0.90
1.7
1.7
2.4
2.7
2.4
3.1
3.5
3.7
4.3
5.6
9.3
9.9
12.1
15.7
17.9
24.7
31.5
29.3
34.5
48.4
69.2
61.6
64.2
84.8
77.2
125.1
194.2
117.3
130.2
134.5
206.1
366.3
538.7
0.61
0.93
1.13
2.03
2.06
2.76
3.31
3.04
4.14
4.47
4.85
6.05
8.00
13.66
13.91
18.95
24.13
26.78
34.42
49.01
52.34
56.09
73.77
96.50
97.79
108.52
120.40
133.19
173.99
283.09
224.42
236.84
262.03
358.37
648.48
689.82
0.09
0.19
0.26
0.56
0.60
1.12
1.03
0.94
1.41
1.76
2.09
2.11
3.13
6.9
8.2
10.0
15.9
19.6
35.6
47.0
35.3
52
91
182
130
132
248
181
444
764
301
377
333
774
1863
3267
0.09
0.18
0.25
0.53
0.57
1.07
0.98
0.90
1.34
1.68
2.00
2.02
2.99
6.6
8.0
10.0
15.1
19
34.0
44.8
33.7
50
87
174
124
126
237
173
423
729
287
359
319
739
1779
3120
40k
40k
40k
30k
20k
20k
16k
16k
8k
8k
8k
6k
4
1,960
1,960
1,368
850
750
360
240
280
240
120
72
72
96
77
88
24
15
40
35
15
12
4
4
0.07
0.13
0.20
0.41
0.44
0.83
0.76
0.69
1.04
1.30
1.55
1.57
2.32
5.2
6.1
7.4
11.7
14.5
26.4
34.8
26.2
39
67
134
96
98
184
133
329
566
223
279
255
572
1376
2413
0.08
0.15
0.23
0.47
0.50
0.96
0.88
0.80
1.21
1.50
1.79
1.81
2.69
6.0
7.1
8.7
13.6
16.8
30.6
40.4
30.3
45
78
157
112
114
213
155
381
656
258
323
305
665
1620
2808
3.56 1.78 1.52
3.94 2.24 2.54
4.65 2.36 2.54
6.35 2.79 2.79
6.60 2.67 2.54
6.60 2.67 4.78
6.86 3.96 5.08
7.87 3.96 3.18
9.65 4.78 3.18
9.65 4.78 3.96
10.16 5.08 3.96
11.18 6.35 3.96
12.70 7.62 4.75
16.51 10.16 6.35
17.27 9.65 6.35
20.32 12.70 6.35
22.86 13.97 7.62
23.57 14.40 8.89
26.92 14.73 11.18
33.02 19.94 10.67
34.29 23.37 8.89
35.81 22.35 10.46
39.88 24.13 14.48
46.74 24.13 18.03
46.74 28.70 15.24
50.80 31.75 13.46
57.15 26.39 15.24
57.15 35.56 13.97
62.0 32.6 25.0
74.1 45.3 35.0
77.8 49.23 12.7
77.8 49.23 15.9
88.9 66.0 15.9
101.6 457.2 16.5
132.5 78.6 25.4
165.0 88.9 25.4
Core Dimension Table (milimeters)
MAGNETIC POWDER CORES
TECHNICAL DATA
CM 270 125 E
Toroidal Core Designation
Core finish
E : Epoxy, P : Parylene-C, C : Plastic Case
Epoxy coated
OD size:27.0mm
MPP core
Available size
3.5mm~165.0mm(OD)
Core material
CM : MPP, CH : High Flux, CS : Sendust, CK : Mega Flux
Available perm.
26, 50, 60, 75, 90, 125, 147, 160, 173, 200μ
Permeability :125μ
CSC’s Core Designation
(nH/N2)
Permeability
Part No.
C
035
C
039
C
046
C
063
C
066
C
067
C
068
C
078
C
096
C
097
C
102
C
112
C
127
C
166
C
172
C
203
C
229
C
234
C
270
C
330
C
343
C
358
C
400
C
467
C
468
C
508
C
571
C
572
C
610
C
740
C
777
C
778
C
888
C
1016
C
1325
C
1650
26μ
026
-
-
-
10
11
21
14
11
11
14
14
11
12
15
19
14
19
22
32
28
16
24
35
59
37
32
60
33
83
89
30
37
24
47
67
80
60μ
060
13
17
20
24
26
50
33
25
25
32
32
26
27
35
43
32
43
51
75
61
38
56
81
135
86
73
138
75
192
206
68
85
57
112
156
184
75μ
075
16
21
25
30
32
62
42
31
32
40
40
32
34
43
53
41
54
63
94
76
47
70
101
169
107
91
172
94
240
257
85
107
71
137
195
230
90μ
090
19
25
30
36
39
74
50
37
38
48
48
38
40
52
64
49
65
76
113
91
57
84
121
202
128
109
206
112
288
309
102
128
85
164
234
276
125μ
125
26
35
42
50
54
103
70
52
53
66
66
53
56
72
89
68
90
105
157
127
79
117
168
281
178
152
287
156
400
429
142
178
119
228
325
384
147μ
147
31
41
49
59
64
122
81
62
63
78
78
63
67
88
105
81
106
124
185
150
93
138
198
330
210
179
306
185
-
-
-
-
-
-
-
-
160μ
160
33
45
53
64
69
132
89
66
68
84
84
68
72
92
114
87
115
135
201
163
101
150
215
360
228
195
333
200
-
-
-
-
-
-
-
-
173μ
173
36
48
57
69
75
144
95
73
74
92
92
74
79
104
123
96
124
146
217
176
109
162
233
-
-
-
-
-
-
-
-
-
-
-
-
-
200μ
200
42
56
67
80
86
165
112
83
84
105
105
85
90
115
142
109
144
169
251
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
example) AL value of CM270125 is 157(nH/N2)
Nominal Inductance Table (AL Value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com