Electronic Components Datasheet Search
  English  ▼

X  

CS330125 Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # CS330125
Description  MAGNETIC POWDER CORES
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS330125 Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button CS330125 Datasheet HTML 34Page - List of Unclassifed Manufacturers CS330125 Datasheet HTML 35Page - List of Unclassifed Manufacturers CS330125 Datasheet HTML 36Page - List of Unclassifed Manufacturers CS330125 Datasheet HTML 37Page - List of Unclassifed Manufacturers CS330125 Datasheet HTML 38Page - List of Unclassifed Manufacturers CS330125 Datasheet HTML 39Page - List of Unclassifed Manufacturers CS330125 Datasheet HTML 40Page - List of Unclassifed Manufacturers CS330125 Datasheet HTML 41Page - List of Unclassifed Manufacturers CS330125 Datasheet HTML 42Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 38 / 42 page
background image
73 ::: Chang Sung Corporation
U CORES
• Large energy storage capacity
• No magnetic flux leakage
• Good temperature stability
• Low core loss at high frequencies
• High inductance choke coils
• Flyback transformers
• Multiple circuit choke coils
• Output chokes for SMPS
Features
Applications
Magnetic Powder Cores :::
74
WASHER CORES
• High permeability powder cores
• Low core loss at high frequencies
• High efficiency washer cores
• Minimum magnetic flux leakage
• Excellent DC bias characteristics
• Good temperature stability
• Large energy storage capacity
Features
• Choke coil for mobile phones
• Inductor for handheld devices
• Power Inductor for PDA, LCD
Applications
Product Identification
UK 41 41 C - 060
Height of U core
Length : 41mm
Available size : 35mm~79mm
Available size : 36mm~ 65mm
Width : 41mm
Mega Flux U core
UH : High Flux, US : Sendust
Available perm. 26, 40, 60μ
Permeability :60μ
UK3536A
UK3536B
UK4141A
UK4141B
UK4141C
UK5251A
UK5251B
UK6361A
UK6361B
UK7965A
UK7965B
Part No.
35.0
35.0
41.0
41.0
41.0
52.0
52.0
63.0
63.0
79.0
79.0
Dimensions(mm)
Cross
Section
Area(cm2)
AL value (nH/N2)
12%
A
B
C
D
E
F
026μ
040μ
060μ
36.0
36.0
41.0
41.0
41.0
51.0
51.0
60.5
60.5
64.5
64.5
20.0
25.0
20.0
25.0
30.0
25.0
30.0
30.0
35.0
30.0
35.0
25.0
25.0
28.0
28.0
28.0
35.0
35.0
41.5
41.5
42.5
42.5
13.0
13.0
15.0
15.0
15.0
20.0
20.0
25.0
25.0
35.0
35.0
11.0
11.0
13.0
13.0
13.0
16.0
16.0
19.0
19.0
22.0
22.0
2.200
2.750
2.600
3.250
3.900
4.000
4.800
5.700
6.650
6.600
7.700
Path
Length
(cm)
16.90
16.90
19.30
19.30
19.30
24.30
24.30
29.10
29.10
32.60
32.60
43
53
44
55
66
54
65
64
75
66
77
65
82
68
85
102
83
99
98
115
102
119
98
123
102
127
152
124
149
148
172
153
178
UH(High Flux U Core), US(Sendust U Core) and customized designs are also available.
Product Identification
DM 3508P
DM 3510P
DM 3908P
DM 3910P
DM 3912P
DM 4610P
DM 4612P
DM 4614P
DM 6310P
DM 6312P
3.56
1.78
0.8
1.0
14
17
0.817
5.6
6.8
3.3, 4.7, 6.8,10
3.94
2.24
0.8
1.0
1.2
11
14
17
0.942
4.4
5.6
6.8
3.3, 4.7, 6.8,
10,15, 22
4.65
2.36
1.0
1.2
1.4
16
20
22
1.060
6.4
8
8.8
3.3, 4.7, 6.8,
10,15, 22
6.35
3.79
1.0
1.2
18
22
1.361
8.8
4.7, 6.8,10,15,
22, 33, 47, 56
Part No.
Core Dimensions(mm)
Before Finish
OD
ID
HT
AL value (nH/N2)
12%
Path
Length
(cm)
Typical
Inductance
L
0A, 20T( H)
Recommended
Inductance
L( H) at 0A
Washer Core
DM : Washer MPP Core
DM 46 12 P
Parylene - C coated
OD size : 4.6mm
Available size : 3.5mm~ 6.3mm
Available HT 0.8mm~ 1.2mm
Height : 1.2mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com