Electronic Components Datasheet Search
  English  ▼

X  

CS330125 Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # CS330125
Description  MAGNETIC POWDER CORES
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS330125 Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button CS330125 Datasheet HTML 30Page - List of Unclassifed Manufacturers CS330125 Datasheet HTML 31Page - List of Unclassifed Manufacturers CS330125 Datasheet HTML 32Page - List of Unclassifed Manufacturers CS330125 Datasheet HTML 33Page - List of Unclassifed Manufacturers CS330125 Datasheet HTML 34Page - List of Unclassifed Manufacturers CS330125 Datasheet HTML 35Page - List of Unclassifed Manufacturers CS330125 Datasheet HTML 36Page - List of Unclassifed Manufacturers CS330125 Datasheet HTML 37Page - List of Unclassifed Manufacturers CS330125 Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
65 ::: Chang Sung Corporation
BLOCK CORES
• Large energy storage capacity
• No magnetic flux leakage
• Good temperature stability
• Low core loss at high frequency
• High inductance choke coils
• Flyback transformers
• Multiple circuit choke coils
• Output chokes for SMPS
Features
Applications
Product Identification
BK 6 3 20 - 060
Height : 20mm
Length : 60mm
Available size : 50mm~80mm
Width : 30mm
Mega Flux Block Core
BH : High Flux, BS: Sendust
Available perm. 26,40,60μ
Available HT : 15mm~20mm
Permeability :60μ
BK5315
BK5320
BK6315
BK6320
BK7315
BK7320
BK8315
BK8320
Part No.
50.5
50.5
60.5
60.5
70.5
70.5
80.5
80.5
Dimensions(mm)
AB
C
30.3
30.3
30.3
30.3
30.3
30.3
30.3
30.3
15
20
15
20
15
20
15
20
BS(Sendust Block Core), BH(High Flux Core) and customized designs are also available.
Magnetic Powder Cores :::
66
Cross
Section
Area(cm2)
4.5
6
4.5
6
4.5
6
4.5
6
BK5315
BK5320
BK6315
BK6320
BK7315
BK7320
BK8315
BK8320
Unit
Part No.
Assembled
(L x W x H mm)
Sectional
Area
(cm2)
Window
Area
(cm2)
Path
Length
(cm)
AL value (nH/N2) 12%
026μ
040μ
060μ
80 x 50 x 30
90 x 50 x 30
90 x 60 x 30
100 x 60 x 30
100 x 70 x 30
110 x 70 x 30
110 x 80 x 30
120 x 80 x 30
18.71
18.28
22.71
22.28
26.71
26.28
30.71
30.28
15
24
18
12
28
21
40
32
3
3
4.5
6
4.5
6
4.5
6
95
130
79
107
67
91
58
78
121
165
100
135
85
115
74
100
181
247
149
203
127
172
110
149
BLOCK CORES ASSEMBLY
Permeability vs DC Bias Curves



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com