Electronic Components Datasheet Search
  English  ▼

X  

CS330125 Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # CS330125
Description  MAGNETIC POWDER CORES
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS330125 Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button CS330125 Datasheet HTML 34Page - List of Unclassifed Manufacturers CS330125 Datasheet HTML 35Page - List of Unclassifed Manufacturers CS330125 Datasheet HTML 36Page - List of Unclassifed Manufacturers CS330125 Datasheet HTML 37Page - List of Unclassifed Manufacturers CS330125 Datasheet HTML 38Page - List of Unclassifed Manufacturers CS330125 Datasheet HTML 39Page - List of Unclassifed Manufacturers CS330125 Datasheet HTML 40Page - List of Unclassifed Manufacturers CS330125 Datasheet HTML 41Page - List of Unclassifed Manufacturers CS330125 Datasheet HTML 42Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 40 / 42 page
background image
Magnetic Powder Cores :::
78
77 ::: Chang Sung Corporation
AL Value (nH/N2)
The inductance (nanohenries) of a core for 1 turn winding. It is measured
at peak AC flux density of 10 gauss and frequency of 10kHz. 1nH/N2 =
1mH/(1000turns)2
Ambient Temperature
Temperature surrounding the devices or circuits. The ambient temperature
is measured at 0.5inch(1.27cm) away from the devices or circuits.
Attenuation
The ratio of output parameter (voltage, current, power, etc.) to input
parameter. Unit is [dB]. In the case of power, dB is10log (output power /
input power). In the case of current and voltage, dB is 20log (output
current /input current), 20log (output voltage / input voltage)
respectively.
Coercive Force (Hc) Refer to Hysteresis Curve.
Common-Mode Noise
Electrical interference that is common to both lines in relation to the
ground.
Copper Loss [watts]
The power loss (I2R) or heat generated by current (I) flowing in a winding
with resistance (R).
Core loss [watts]
Core loss is composed of eddy current loss, hysteresis loss and residual
loss. Refer to Magnetic Design Formulae.
Cross Sectional Area (A)
The effective cross sectional area of a core available for magnetic flux.
The cross sectional area listed for toroidal cores is based on bare core
dimensions.
Curie Temperature, Tc [ ]
The transition temperature above which a core loses its
ferromagnetic properties. Usually defined as the temperature at which
i
falls to 10% of its room temperature value.
DC Resistance [ ]
Resistance of winding when AC current is not applied.
Differential Mode Noise
Electrical interference that is not common to both lines but is
present between both lines. This is also known as normal mode noise.
Disaccommodation
The proportional change of permeability after a disturbance of a
magnetic material. It is measured at a constant temperature over a given
time interval.
Distributed Capacitance
In an inductor, each winding behaves as a capacitor having the
distributed capacitance. Distributed capacitance is parallel with
inductance in the circuit and causes self-resonance at a certain
frequency. An inductor which has a smaller distributed capacitance
extends a much higher self resonant freguency. So the inductor should
be wound to have as small a distributed capacitance as possible.
Eddy Current
When a varying electric or magnetic field
passes through the conducting material,
current which opposes the change of field
is induced in it. This current is called eddy
current. Because a conducting material
has electric resistance, the eddy current
results in heat loss. This is referred to as
the eddy current loss.
Effective Permeability (μe) Refer to Permeability.
EMI
The acronym for Electromagnetic Interference is EMI.
Generally, EMI refers to unnecessary electrical energies such as noise.
EMC Electromagnetic Compatibility
Hysteresis Curve (B-H Loop)
When the magnetic material is taken through a complete cycle of
magnetization and demagnetization, the magnetic flux density in that
material behaves irreversibly according to the change of the magnetizing
force.
The results are as shown in Figure 2. As H is increased in the neutral
magnetic material, flux density B increases along the dashed line (initial
magnetization curve) to the saturation point, Bs.
Figure 1. Eddy Current in Powder Cores
Figure 2. B-H Loop
When H is now decreased, the B-H loop transverses a path to Br
(remanent flux density), where H is zero and the core is still magnetized.
The magnetizing force H is now reversed to give a negative value. The
magnetizing force required to reduce the flux Br to zero is called the
coercive force (Hc). Along the initial magnetization curve, B increases
from the origin nonlinearly with H until the material saturates. In
practice, the magnetization of a core in an excited inductor never follows
this curve because the core is never in a totally demagnetized state
when the magnetizing force is first applied.
Flux Density, Magnetic Induction, B [Gauss ; Tesla]
The corresponding parameter for the induced magnetic field in an area
perpendicular to the flux path. Flux density is determined by the field
strength and permeability of the medium in which it is measured.
1T=104 Gauss
Incremental Permeability(
μ)
Refer to Permeability.
I
nductor
A passive device that prevents a variance of the current. Magnetic flux is
induced in the inductor when current flows through the inductor, and
the voltage induced by magnetic flux prevents the change of current.
Induced voltage
= L di/dt.
Initial Permeability(μi)
Refer to Permeability.
Leakage Flux
Leakage flux is the small fraction of the total magnetic flux in a
transformer or common mode choke that does not contribute to the
magnetic coupling of the windings of the device. The presence of
leakage flux in a transformer or common mode choke is
modeled as a small "leakage" inductance in series with each
winding. In a multi-winding choke or transformer, leakage
inductance is the inductance measured at one winding with all other
windings short circuited.
Litz Wire
A wire made by twisting and bundling some insulated wire.
It can decrease the copper loss at high frequency by reducing
the skin effect.
Magnetic Hysteresis
Refer to Hysteresis Loop.
Magnetizing Force, H [Oe ; A/m]
The magnetic field strength which produces magnetic flux. The mmf per
unit length. H can be considered to be a measure of the strength or
effort that the magnetomotive force applies to magnetic circuit to
establish a magnetic field. H may be expressed as H=NI/ , where
is
the mean length of the magnetic circuit in meters.
1 oersted=79.58A/m
Mean Magnetic Path Length( )
The effective magnetic path length of a core structure (cm).
Refer to Magnetic Design Formulae.
Normal Mode Noise
Refer to Differential Mode Noise.
Noise
Unnecessary electrical energy that rises in a circuit.
Operating Temperature Range
The temperature at which a device can be operated normally. Above this
temperature, the characteristics of the device can become inferior or the
device may operate abnormally. In the case of the inductor, this
temperature refers to the temperature rise by the copper loss or core
loss. Refer to temperature rise.
Permeability(μ)
In magnetics, permeability is
the ability of a material to
conduct flux. The magnitude
of the permeability at a given
induction is a measure of the
ease with which a core
material can be magnetized to
that induction. It is defined as
the ratio of the flux density B
to the magnetizing force H.
Permeability : μ = B/H [Gauss/Oersted]
The slope of the initial magnetization curve at any given point gives the
permeability at that point. Permeability can be plotted against a typical B-
H curve as shown in Figure 3 Permeability is not constant, therefore its
value can be stated only at a given value of B or H. There are many
different kinds of permeability.
Absolute Permeability(μo)
Permeability in a vacuum
Initial Permeability(μi)
Slope of the initial
magnetization curve at the
origin, that is, the value of
permeability at a peak AC flux
density of 10 gauss
(1 millitesla).
μ= B/H (Figure 4)
Incremental Permeability( μ)
The slope of the magnetization curve for finite values of peak-to-peak
flux density with superimposed DC magnetization (Figure 5). Initial
permeability can be thought of as incremental permeability with 0 DC
magnetization at small inductions. The incremental permeability is
expressed as the slope of the B-H characteristic at around the given
operating point.
Figure 3. Variation of
along
the Magnetization Curve
Figure 4. Initial Permeability
Terminology
Terminology
Metal Powder
Ceramic Layers
Eddy Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com