Electronic Components Datasheet Search
  English  ▼

X  

CS330125 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # CS330125
Description  MAGNETIC POWDER CORES
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS330125 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button CS330125 Datasheet HTML 18Page - List of Unclassifed Manufacturers CS330125 Datasheet HTML 19Page - List of Unclassifed Manufacturers CS330125 Datasheet HTML 20Page - List of Unclassifed Manufacturers CS330125 Datasheet HTML 21Page - List of Unclassifed Manufacturers CS330125 Datasheet HTML 22Page - List of Unclassifed Manufacturers CS330125 Datasheet HTML 23Page - List of Unclassifed Manufacturers CS330125 Datasheet HTML 24Page - List of Unclassifed Manufacturers CS330125 Datasheet HTML 25Page - List of Unclassifed Manufacturers CS330125 Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
Magnetic Powder Cores :::
42
41 ::: Chang Sung Corporation
OD234
Core Dimensions
OD(max)
ID(min)
HT(max)
Before coating
(mm)
23.57
14.40
8.89
(inch)
0.928
0.567
0.350
After coating
(mm)
24.30
13.77
9.70
(Epoxy)
(inch)
0.956
0.542
0.382
Magnetic Dimensions
Cross Section
Path Length
Window Area
Volume
(A)
( )
(Wa)
(V)
0.388cm2
5.88cm
1.49cm2
2.2814cm3
0.061in2
2.32in
293,800cmil
0.1415in3
Winding Information
Single layer winding with 1 inch leads
AWG Wire
Single Layer
AWG Wire
Single Layer
No. Dia(cm)
Turn Rdc,
No. Dia(cm)
Turn Rdc,
12
13
14
15
16
17
18
19
20
0.213
0.190
0.171
0.153
0.137
0.122
0.109
0.0980
0.0879
15
17
20
22
25
29
32
36
41
0.00307
0.00429
0.00595
0.00832
0.0116
0.0162
0.0227
0.0318
0.0443
21
22
23
24
25
26
27
28
29
0.0785
0.0701
0.0632
0.0566
0.0505
0.0452
0.0409
0.0366
0.0330
46
52
58
65
73
81
91
101
112
0.0620
0.0874
0.1210
0.170
0.238
0.336
0.465
0.657
0.901
Available Cores
Part No.
MPP
High Flux
Sendust
Mega Flux
Perm.
(μ)
AL
(nH/N2)
CM234026
CM234060
-
-
CM234125
CM234147
CM234160
CM234173
CM234200
CH234026
CH234060
-
-
CH234125
CH234147
CH234160
-
-
CS234026
CS234060
CS234075
CS234090
CS234125
-
-
-
-
CK234026
CK234060
CK234075
CK234090
-
-
-
-
-
22
51
63
76
105
124
135
146
169
26
60
75
90
125
147
160
173
200
ID 14.40mm
HT 8.89mm
OD 23.57mm / 0.928inch
AL vs NI Curve (60μ, 125μ)
OD229
Core Dimensions
OD(max)
ID(min)
HT(max)
Before coating
(mm)
22.86
13.97
7.62
(inch)
0.900
0.550
0.300
After coating
(mm)
23.62
13.39
8.38
(Epoxy)
(inch)
0.930
0.527
0.330
Magnetic Dimensions
Cross Section
Path Length
Window Area
Volume
(A)
( )
(Wa)
(V)
0.331cm2
5.67cm
1.41cm2
1.8771cm3
00.0513in2
2.23in
277,700cmil
0.11455in3
Winding Information
Single layer winding with 1 inch leads
AWG Wire
Single Layer
AWG Wire
Single Layer
No. Dia(cm)
Turn Rdc,
No. Dia(cm)
Turn Rdc,
12
13
14
15
16
17
18
19
20
0.213
0.190
0.171
0.153
0.137
0.122
0.109
0.0980
0.0879
15
17
19
22
25
28
31
35
40
0.00276
0.00384
0.00532
0.00742
0.0104
0.0144
0.0202
0.0281
0.0392
21
22
23
24
25
26
27
28
29
0.0785
0.0701
0.0632
0.0566
0.0505
0.0452
0.0409
0.0366
0.0330
45
50
56
63
71
79
88
99
109
0.0548
0.0771
0.107
0.150
0.210
0.295
0.409
0.577
0.791
Available Cores
Part No.
MPP
High Flux
Sendust
Mega Flux
Perm.
(μ)
AL
(nH/N2)
CM229026
CM229060
-
-
CM229125
CM229147
CM229160
CM229173
CM229200
CH229026
CH229060
-
-
CH229125
CH229147
CH229160
-
-
CS229026
CS229060
CS229075
CS229090
CS229125
-
-
-
-
CK229026
CK229060
CK229075
CK229090
-
-
-
-
-
19
43
54
65
90
106
115
124
144
26
60
75
90
125
147
160
173
200
ID 13.97mm
HT 7.62mm
AL vs NI Curve (60μ, 125μ)
OD 22.86mm / 0.900inch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com