Electronic Components Datasheet Search
  English  ▼

X  

CS330125 Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # CS330125
Description  MAGNETIC POWDER CORES
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS330125 Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button CS330125 Datasheet HTML 25Page - List of Unclassifed Manufacturers CS330125 Datasheet HTML 26Page - List of Unclassifed Manufacturers CS330125 Datasheet HTML 27Page - List of Unclassifed Manufacturers CS330125 Datasheet HTML 28Page - List of Unclassifed Manufacturers CS330125 Datasheet HTML 29Page - List of Unclassifed Manufacturers CS330125 Datasheet HTML 30Page - List of Unclassifed Manufacturers CS330125 Datasheet HTML 31Page - List of Unclassifed Manufacturers CS330125 Datasheet HTML 32Page - List of Unclassifed Manufacturers CS330125 Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
Magnetic Powder Cores :::
56
55 ::: Chang Sung Corporation
OD778
Core Dimensions
OD(max)
ID(min)
HT(max)
Before coating
(mm)
77.80
49.23
15.9
(inch)
3.063
1.938
0.626
After coating
(mm)
78.90
48.0
17.2
(Epoxy)
(inch)
3.108
1.888
0.677
Magnetic Dimensions
Cross Section
Path Length
Window Area
Volume
(A)
( )
(Wa)
(V)
2.270cm2
20.0cm
17.99cm2
43.531cm3
0.352in2
7.72in
3,550,000cmil
2.656in3
Winding Information
Single layer winding with 1 inch leads
AWG Wire
Single Layer
AWG Wire
Single Layer
No. Dia(cm)
Turn Rdc,
No. Dia(cm)
Turn Rdc,
10
11
12
13
14
15
16
17
18
0.267
0.238
0.213
0.190
0.171
0.153
0.137
0.122
0.109
19
20
21
22
23
24
25
26
27
0.0980
0.0879
0.0785
0.0701
0.0632
0.0566
0.0505
0.0452
0.0409
Available Cores
Part No.
MPP
High Flux
Sendust
Mega Flux
Perm.
(μ)
AL
(nH/N2)
CM778026
CM778060
-
-
CM778125
-
-
-
-
CH778026
CH778060
-
-
CH778125
-
-
-
-
CS778026
CS778060
CS778075
CS778090
CS778125
-
-
-
-
CK778026
CK778060
CK778075
CK778090
-
-
-
-
-
37
85
107
128
178
-
-
-
-
26
60
75
90
125
147
160
173
200
ID 49.23mm
HT 15.9mm
OD 77.8mm / 3.063inches
AL vs NI Curve (60μ, 125μ)
N AN A
OD777
Core Dimensions
OD(max)
ID(min)
HT(max)
Before coating
(mm)
77.80
49.23
12.70
(inch)
3.063
1.938
0.50
After coating
(mm)
78.90
48.0
13.97
(Epoxy)
(inch)
3.108
1.888
0.550
Magnetic Dimensions
Cross Section
Path Length
Window Area
Volume
(A)
( )
(Wa)
(V)
1.770cm2
20.0cm
17.99cm2
34.770cm3
0.274in2
7.72in
3,550,000cmil
2.122in3
Winding Information
Single layer winding with 1 inch leads
AWG Wire
Single Layer
AWG Wire
Single Layer
No. Dia(cm)
Turn Rdc,
No. Dia(cm)
Turn Rdc,
10
11
12
13
14
15
16
17
18
0.267
0.238
0.213
0.190
0.171
0.153
0.137
0.122
0.109
53
60
67
76
84
95
106
119
134
0.0113
0.0162
0.0228
0.0325
0.0454
0.0646
0.0912
0.129
0.183
19
20
21
22
23
24
25
26
27
0.0980
0.0879
0.0785
0.0701
0.0632
0.0566
0.0505
0.0452
0.0409
150
168
188
211
235
263
295
330
365
0.258
0.364
0.514
0.732
1.02
1.30
1.84
2.61
3.62
Available Cores
Part No.
MPP
High Flux
Sendust
Mega Flux
Perm.
(μ)
AL
(nH/N2)
CM777026
CM777060
-
-
CM777125
-
-
-
-
CH777026
CH777060
-
-
CH777125
-
-
-
-
CS777026
CS777060
CS777075
CS777090
CS777125
-
-
-
-
CK777026
CK777060
CK777075
CK777090
-
-
-
-
-
30
68
85
102
142
-
-
-
-
26
60
75
90
125
147
160
173
200
ID 49.23mm
HT 12.70mm
AL vs NI Curve (60μ, 125μ)
OD 77.8mm / 3.063inches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com