Electronic Components Datasheet Search
  English  ▼

X  

HT0610 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT0610
Description  33 x 120 LCD Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT0610 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT0610 Datasheet HTML 2Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 3Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 4Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 5Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 6Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 7Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 8Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 9Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Absolute Maximum Ratings
Supply Voltage ........................................
-0.3V to 4.0V
Storage Temperature ...........................
-65°Cto150°C
Input Voltage .............................VSS
-0.3V to VDD+0.3V
Operating Temperature ..........................
-30°Cto85°C
LCD Input Voltage ..................................
-0.3V to 10.5V
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
HT0610 contains circuitry to protect the inputs against damage due to high static voltages or electric fields; however, it
is advised that normal precaution to be taken to avoid application of any voltage higher than maximum rated voltages to
this high impedance circuit . For proper operation it is recommended that VIN and Vout be constrained to the range VSS
<or=(VIN or VOUT) < or = VDD. Reliability of operation is enhanced if unused inputs are connected to an appropriate
logic voltage level (e.g., either VSS or VDD). Unused outputs must be left open. This device may be light sensitive?
caution should be taken to avoid exposure of this device to any light source during normal operation. This device is not
radiation protected.
Electrical Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
Supply voltage
VDD
Operating Voltage
2.4V~
3.5V
VDDA=VDD
2.4
3.15
3.5
V
Supply Current
IRW
Read/write Mode
Supply Current Drain from Pin VDDA
and VDD
2.4V~
3.5V
Measure with VDD fixed at
3.15V
Internal DC/DC converter on,
display on, tripler enable,
read/write accessing,
tCYC=1MHz, Osc freq.=50kHz,
1/33 duty, 1/7 bias
120
170
200
mA
ION1
Display on Mode
Supply Current Drain from Pin VDDA
and VDD
2.4V~
3.5V
Internal DC/DC converter on,
display on, tripler enable,
read/write HALT,
Osc freq.=50kHz, 1/33 duty,
1/7 bias
130
110
140
mA
ION2
Display on Mode
Supply Current Drain from Pin VDDA
and VDD
2.4V~
3.5V
Internal DC/DC converter on,
display on, tripler enable,
read/write HALT,
Osc freq.=38.4kHz, 1/33 duty,
1/7 bias
140
100
120
mA
ISTB1
Standby Mode Supply Current Drain
from Pin VDDA and VDD
2.4V~
3.5V
Display off, oscillator disabled,
read/write HALT
¾
300
500
nA
ISTB2
Standby Mode Supply Current Drain
from Pin VDDA and VDD
2.4V~
3.5V
Display off, oscillator enabled,
read/write HALT, external os-
cillator and frequency=50kHz
¾
0.6
1
mA
ISTB3
Standby Mode Supply Current Drain
from Pin VDDA and VDD
2.4V~
3.5V
Display off, oscillator enabled,
read/write HALT, internal oscil-
lator and frequency=50kHz
¾
23
30
mA
IICON
Standby Mode Supply Current Drain
from Pin VDDA and VDD
2.4V~
3.5V
Low power ICON mode, oscilla-
tor enable, read/write HALT,
internal oscillator and fre-
quency=50kHz
¾
25
30
mA
HT0610
Rev. 1.00
6
February 24, 2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com