Electronic Components Datasheet Search
  English  ▼

X  

HT0610 Datasheet(PDF) 20 Page - Holtek Semiconductor Inc

Part # HT0610
Description  33 x 120 LCD Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT0610 Datasheet(HTML) 20 Page - Holtek Semiconductor Inc

Back Button HT0610 Datasheet HTML 14Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 15Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 16Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 17Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 18Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 19Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 20Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 21Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 22Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
Application Circuits
32/33 MUX display with analog circuitry enabled, tripler enabled and 1/7 bias
16 MUX display with analog circuitry enabled, tripler enabled and 1/5 bias
HT0610
Rev. 1.00
20
February 24, 2004
H T 0 6 1 0
V D D
R E S
C S
C E
R W
D C O M
R A M
E P R O M
M P U / M C U
w i t h
P a r a l l e l
I n t e r f a c e
D 0 ~ D 7
0 . 1 m F
0 . 1 m F 0 . 1 m F
9 1 0 k W
1 5 0 k W
5 6 0 p F
3 0 0 k W
4 . 7 m F
0 . 1 m F
0 . 1 m F
0 . 1 m F
0 . 1 m F
0 . 1 m F
0 . 1 m F
0 . 1 m F
0 . 1 m F
0 . 1 m F
0 . 1 m F
V D D
V S S
V D D A
V L L 2
V L L 3
D U M 2
D U M 1
V L L 4
V L L 5
V L L 6
V C C A 1
T o L C D P a n e l
C O M 0 ~ C O M 3 2
S E G 0 ~ S E G 1 1 9
A N N 1 ~ A N N 4 , B P
N o t e : V R a n d V F c a n b e l e f t o p e n w h e n R e g u l a t o r i s d i s a b l e d .
H T 0 6 1 0
V D D
R E S
C S
C E
R W
D C O M
R A M
E P R O M
M P U / M C U
w i t h
P a r a l l e l
I n t e r f a c e
D 0 ~ D 7
0 . 1 m F
0 . 1 m F
1 5 0 k W
5 6 0 p F
3 0 0 k W
4 . 7 m F
0 . 1 m F
0 . 1 m F
0 . 1 m F
0 . 1 m F
0 . 1 m F
0 . 1 m F
0 . 1 m F
0 . 1 m F
V D D
V S S
V D D A
V L L 2
V L L 3
D U M 2
D U M 1
V L L 4
V L L 5
V L L 6
V C C A 1
T o L C D P a n e l
C O M 0 ~ C O M 3 2
S E G 0 ~ S E G 1 1 9
A N N 1 ~ A N N 4 , B P
N o t e : V R a n d V F c a n b e l e f t o p e n w h e n R e g u l a t o r i s d i s a b l e d .
E x t e r n a l
C l o c k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com