Electronic Components Datasheet Search
  English  ▼

X  

HT0610 Datasheet(PDF) 19 Page - Holtek Semiconductor Inc

Part # HT0610
Description  33 x 120 LCD Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT0610 Datasheet(HTML) 19 Page - Holtek Semiconductor Inc

Back Button HT0610 Datasheet HTML 14Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 15Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 16Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 17Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 18Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 19Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 20Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 21Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 22Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
Note:
Film: UPILEX-S 75
±5mm thickness
Copper: FQ-VLP 25
±5mm thickness
Adhesive: Toray #7100, 12
±2mm thickness
Solder resist: AE-70-M11, 26
±14mm thickness
Flex coating: FS-100L Min. 10
mm
Plating: Sn 0.21
±0.05mm thickness
All corner radii of base film are less than 0.2mm unless otherwise noted
Other specs than display in this drawing are based on the standard spec lists
All dimensional tolerances of
²SR² & ²Flex² are ±0.2mm & 0.3mm unless otherwise noted
All dimensional tolerances of
²base film² are ±0.05mm unless otherwise noted
Inner lead accumulative pitch:
Output side: 9.359
±0.008mm
Input side: 9.077
±0.008mm
Reel size:
F405mm
HT0610
Rev. 1.00
19
February 24, 2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com