Electronic Components Datasheet Search
  English  ▼

X  

HT0610 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT0610
Description  33 x 120 LCD Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT0610 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT0610 Datasheet HTML 4Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 5Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 6Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 7Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 8Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 9Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 10Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 11Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VLL6
2.4V~
3.5V
1/7 bias ratio, voltage divider
enable, regulator enable
¾
VR
¾
V
VLL5
2.4V~
3.5V
¾ 6/7´VR
¾
V
VLL4
2.4V~
3.5V
¾ 5/7´VR
¾
V
DUM2
2.4V~
3.5V
¾ 4/7´VR
¾
V
DUM1
2.4V~
3.5V
¾ 3/7´VR
¾
V
VLL3
2.4V~
3.5V
¾ 2/7´VR
¾
V
VLL2
2.4V~
3.5V
¾ 1/7´VR
¾
V
VLL6
2.4V~
3.5V
External voltage generator,
internal voltage divider disable
0.5
´
VCCA1
¾
VCCA1
VLL5
2.4V~
3.5V
0.5
´
VCCA1
¾
VCCA1
VLL4
2.4V~
3.5V
0.5
´
VCCA1
¾
VCCA1
VLL3
2.4V~
3.5V
vss
¾
0.5
´
VCCA1
VLL2
2.4V~
3.5V
vss
¾
0.5
´
VCCA1
Output Current
IOH
Output High Current Source from
Pins D0~D7, ICON1~ICON4, IBP
and OSC2
2.4V~
3.5V
VOUT=VDD
-0.1V
¾
1.5
¾
mA
IOL
Output Low Current Drain by Pins
D0~D7, ICON1~ICON4, IBP and
OSC2
2.4V~
3.5V
VOUT=0.1V
¾
5
¾
mA
IOZ
Output Tri-state Current Drain
Source at Pins D0~D7 and OSC2
2.4V~
3.5V
¾-1
¾
1
mA
IIL/IIH
Input Current at Pins RES, CE, CS,
D0~D7, RW, DCOM, OSC1 and
OSC2
2.4V~
3.5V
¾-1
¾
1
mA
On resistance
RON
Channel Resistance between LCD
Driving Signal Pins (Segment and
Common) and Driving Voltage Input
Pins (VLL2 to VLL6)
2.4V~
3.5V
During display on, 0.1V apply
between
two
terminals,
VCCA1 within operating volt-
age range
¾¾
5
k
W
VMR
Memory Retention Voltage (VDD)
Standby Mode, Retained All Internal
Configuration and BGDRAM Data
2.4V~
3.5V
¾
1.8
¾¾
V
CIN
Input Capacitance All Control Pins
2.4V~
3.5V
¾¾
5
7.5
pF
HT0610
Rev. 1.00
8
February 24, 2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com