Electronic Components Datasheet Search
  English  ▼

X  

HT0610 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT0610
Description  33 x 120 LCD Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT0610 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT0610 Datasheet HTML 6Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 7Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 8Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 9Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 10Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 11Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 12Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 13Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Total variation of VR
D VRT is affected by the following factors:
Process variation of regulator
D VR
External VDD variation contributed to regulator
D VVDD
External resistor pair Ra/Rf contributed to regulator
D VRES
Where
D VRT =
DD
D
VV
V
R
2
VDD
2
RES
2
Assume external VDD variation is
±6% at 3.15V and 1% variation resistor used at application
TC Level
D VVDD (%)
D VR (%)
D VRES (%)
D VRT (%)
Reference Generator
TC0
±6.0
±2.5
±1.414
±6.652
TC1
±4.0
±4.924
TC2
±2.5
±3.805
TC3
±1.4
±3.195
Parallel timing characteristics (Write cycle)
Ta=30
°C~85°C, DVDD=2.4V~3.5V, VSS=0V
Symbol
Parameter
Min.
Typ.
Max.
Unit
tCYCLE
Enable Cycle Time
620
¾¾
ns
tEH
Enable Pulse Width
300
¾¾
ns
tAS
Address Setup Time
10
¾¾
ns
tDS
Data Setup Time
300
¾¾
ns
tDH
Data Hold Time
30
¾¾
ns
tAH
Address Hold Time
30
¾¾
ns
HT0610
Rev. 1.00
10
February 24, 2004
C E
C S ( C L K )
R W
D C O M
D 0 ~ D 7
V a l i d D a t a
t C Y C L E
t E H
t A S
t A H
t D S
t D H
Timing characteristics (Write cycle)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com