Electronic Components Datasheet Search
  English  ▼

X  

HT0610 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT0610
Description  33 x 120 LCD Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT0610 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT0610 Datasheet HTML 3Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 4Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 5Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 6Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 7Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 8Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 9Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 10Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VLCD voltage (Absolute value referenced to VSS)
VLCC1
LCD Driving Voltage
Generator Output Voltage at Pin
VCCA1
2.4V~
3.5V
Display on, internal DC/DC
converter enable, tripler en-
able, oscillator and fre-
quency=50kHz, regulator
enable,
divider
enable
IOUT
£100mA
¾
3
´VDD
10.5
V
VLCC2
LCD Driving Voltage
Generator Output Voltage at Pin
VCCA1
2.4V~
3.5V
Display on, internal DC/DC
converter enable, doubler en-
able, oscillator and fre-
quency=50kHz, regulator
enable,
divider
enable
IOUT
£100mA
¾
2
´VDD
7V
VLCD
LCD Driving Voltage Input at Pin
VCCA1
2.4V~
3.5V
Internal DC/DC converter dis-
able
5
¾
10.5
V
Output voltage
VOH1
Output High Voltage at Pin D0~D7,
ICON1~ICON4, IBP and OSC2
2.4V~
3.5V
IOUT=100
mA
0.8
´
VDD
¾
VDD
V
VOL1
Output Low Voltage at Pin D0~D7,
ICON1~ICON4, IBP and OSC2
2.4V~
3.5V
IOUT=100
mA
0
¾
0.2
´
VDD
V
VR1
LCD Driving Voltage Source at Pin
VR
2.4V~
3.5V
Regulator enable, IOUT=50
mA
0
¾
VCCA1
V
VR2
LCD Driving Voltage Source at Pin
VR
2.4V~
3.5V
Regulator disable
¾ Floating
¾
V
Input voltage
VIH1
Input High Voltage at Pin RES, CE,
CS, D0~D7, RW, DCOM, OSC1 and
OSC2
2.4V~
3.5V
¾
0.8
´
VDD
¾
VDD
V
VIL1
Input Low Voltage at Pin RES, CE,
CS, D0~D7, RW, DCOM, OSC1 and
OSC2
2.4V~
3.5V
¾
0
¾
0.2
´
VDD
V
LCD display voltage
VLL6
LCD Driving Voltage Output from Pin
VLL6~VLL2
2.4V~
3.5V
1/5 bias ratio, voltage divider
enable, regulator enable
¾
VR
¾
V
VLL5
2.4V~
3.5V
¾ 0.8´VR
¾
V
VLL4
2.4V~
3.5V
¾ 0.6´VR
¾
V
VLL3
2.4V~
3.5V
¾ 0.4´VR
¾
V
VLL2
2.4V~
3.5V
¾ 0.2´VR
¾
V
HT0610
Rev. 1.00
7
February 24, 2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com