Electronic Components Datasheet Search
  English  ▼

X  

L9780TR Datasheet(PDF) 7 Page - STMicroelectronics

Part # L9780TR
Description  Wide range air fuel sensor control interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9780TR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L9780TR Datasheet HTML 3Page - STMicroelectronics L9780TR Datasheet HTML 4Page - STMicroelectronics L9780TR Datasheet HTML 5Page - STMicroelectronics L9780TR Datasheet HTML 6Page - STMicroelectronics L9780TR Datasheet HTML 7Page - STMicroelectronics L9780TR Datasheet HTML 8Page - STMicroelectronics L9780TR Datasheet HTML 9Page - STMicroelectronics L9780TR Datasheet HTML 10Page - STMicroelectronics L9780TR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
DocID026356 Rev 3
7/56
L9780
Pin description
55
1
Pin description
Figure 1. Pin connection diagram (top view)
Table 2. Pin function
Pin number
Pin name
Pin description
1
TG1
Switching TAG resistor pin channel 1
2
SNS
VCCS sense pin
3
TST1
Test mode pin 1
4
INRC
Reference cell input
5
RCT1
Impedance test pin 1
6
RCT2
Impedance test amplifier input
7
SR
Sensor return
8
PG1
Protection fet gate channel 1
9
PG2
Protection fet gate channel 2
10
HD
Heater fet drain
11
TST2
Test mode pin 2
12
HG
Heater fet gate
13
SY
Synchronous mode pin
14
PW
Heater PWM input pin
15
SO
Serial data output
16
CLK
SPI clock
17
SI
Serial data input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com