Electronic Components Datasheet Search
  English  ▼

X  

L9780TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9780TR
Description  Wide range air fuel sensor control interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9780TR Datasheet(HTML) 1 Page - STMicroelectronics

  L9780TR Datasheet HTML 1Page - STMicroelectronics L9780TR Datasheet HTML 2Page - STMicroelectronics L9780TR Datasheet HTML 3Page - STMicroelectronics L9780TR Datasheet HTML 4Page - STMicroelectronics L9780TR Datasheet HTML 5Page - STMicroelectronics L9780TR Datasheet HTML 6Page - STMicroelectronics L9780TR Datasheet HTML 7Page - STMicroelectronics L9780TR Datasheet HTML 8Page - STMicroelectronics L9780TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
This is information on a product in full production.
November 2014
DocID026356 Rev 3
1/56
L9780
Wide range air fuel sensor control interface
Datasheet
- production data
Features
 Voltage controlled current source (VCCS)
pump cell driver with selectable voltage clamp,
offset compensation, diagnostic (short to
battery) and 2 output channels
 Impedance measurement of reference cell
 10-bit multiplexed A/D converter
 Scaling amplifier with sample & hold and offset
compensation
 Control voltage amplifier with sample & hold
and offset compensation
 Synchronous or asynchronous functionality
selectable via SPI
 Heater FET driver with diagnostic (short to
battery, short to ground, open circuit)
 4 possible levels for clean current
 SPI with fault detection
 Digital input and outputs compatible with 5 V or
3.3 V voltage supply
 2 channels available to connect compensation
networks
 Short to battery diagnostic on functional ground
(pin SR)
 Short to battery/ground diagnostic on voltage
from reference cell (pin INRC)
 -5 V internal supply
 4 MHz internal oscillator
 Package: 48 pin LQFP
 Technology: BCD5s_70 V
Description
L9780 is an IC designed to interface a variety of
wide range air fuel sensors.
The device manages the oxygen pump of the
wide range air fuel sensor by means of a voltage
controlled current source (VCCS). The reference
for the VCCS is generated by a PI controller with
external compensation network in order to adapt
the device to different sensors. The user can
choose between two different networks using the
SPI interface. L9780 is fully compatible with most
sensors on the market.
The internal timing state machine automatically
manages all the operations needed for a right
sequencing of the measurement process. All the
main time values can be configured by SPI.
L9780 drives also an external FET used to control
the sensor heater. The device protects the sensor
and all the I/O against shorts and provides the
diagnosis by SPI.
LQFP48
Table 1. Device summary
Order code
Package
Packing
L9780
LQFP48
Tray
L9780TR
LQFP48
Tape and reel
www.st.com


Similar Part No. - L9780TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9781 STMICROELECTRONICS-L9781 Datasheet
270Kb / 10P
Automotive multiple valve pre-driver for diesel and gasoline direct injection
L9781TR STMICROELECTRONICS-L9781TR Datasheet
270Kb / 10P
Automotive multiple valve pre-driver for diesel and gasoline direct injection
L9788 STMICROELECTRONICS-L9788 Datasheet
3Mb / 264P
Multifunction IC for automotive engine management system
30-May-2022
L9788TR STMICROELECTRONICS-L9788TR Datasheet
3Mb / 264P
Multifunction IC for automotive engine management system
30-May-2022
More results

Similar Description - L9780TR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1971 MICROSEMI-LX1971 Datasheet
345Kb / 9P
Wide Range Visible Light Sensor
LX1971 MICROSEMI-LX1971_05 Datasheet
339Kb / 9P
Wide Range Visible Light Sensor
logo
Texas Instruments
BQ34Z100 TI-BQ34Z100 Datasheet
880Kb / 50P
Wide Range Fuel Gauge with Impedance Track??Technology
BQ34Z110 TI1-BQ34Z110 Datasheet
226Kb / 11P
Wide Range Fuel Gauge with Impedance Track??for Lead-Acid Batteries
BQ34Z100-G1 TI1-BQ34Z100-G1 Datasheet
1Mb / 65P
Wide Range Fuel Gauge
logo
SHENZHEN FUMAN ELECTRON...
FM1712B FUMAN-FM1712B Datasheet
398Kb / 7P
Wide range input synchronous buck control chip
FM1713 FUMAN-FM1713 Datasheet
396Kb / 7P
Wide range input synchronous buck control chip
FM1720 FUMAN-FM1720 Datasheet
396Kb / 7P
Wide range input synchronous buck control chip
logo
Panasonic Semiconductor
PX-2 PANASONIC-PX-2 Datasheet
503Kb / 14P
Long Range & Wide Area Photoelectric Sensor
logo
Texas Instruments
BQ34Z100-R2 TI-BQ34Z100-R2 Datasheet
1Mb / 27P
BQ34Z100-R2 Wide Range Fuel Gauge with Impedance Track™ Technology
DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com