Electronic Components Datasheet Search
  English  ▼

X  

L9780TR Datasheet(PDF) 40 Page - STMicroelectronics

Part # L9780TR
Description  Wide range air fuel sensor control interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9780TR Datasheet(HTML) 40 Page - STMicroelectronics

Back Button L9780TR Datasheet HTML 36Page - STMicroelectronics L9780TR Datasheet HTML 37Page - STMicroelectronics L9780TR Datasheet HTML 38Page - STMicroelectronics L9780TR Datasheet HTML 39Page - STMicroelectronics L9780TR Datasheet HTML 40Page - STMicroelectronics L9780TR Datasheet HTML 41Page - STMicroelectronics L9780TR Datasheet HTML 42Page - STMicroelectronics L9780TR Datasheet HTML 43Page - STMicroelectronics L9780TR Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 56 page
background image
Digital interface description
L9780
40/56
DocID026356 Rev 3
Bit 57 - 48: RCAMP[9..0]
10 bit A/D conversion of the output of INRC amplifier. For detailed description of the timing
sequence refer to Section 4.12.
Bit 47 - 45: COUNT[2..0]
3 bit measurement counter. For detailed description of the timing sequence refer to Section 4.12.
Bit 44 - 42: STBS[3..1]
These bits represent the sensor short to battery condition as follows:
STBS=’0’ => no fault;
STBS=’1’ => short to battery detected.
with the following association:
STBS1 => short to battery detected on SR pin;
STBS2 => short to battery detected on INRC pin;
STBS3 => short to battery detected on SNS, OUT or TG pins.
For detailed description of the fault detection refer to section Section 5.1.
Bit 41 - 32: FV[9..0]
10 bit A/D conversion of FV pin voltage. For detailed description of the timing sequence
refer to Section 4.12.
Bit 31 - 30: CB[1..0]
These are confirmation bits and their values is fixed, CB1=’1’, CB0=’0’; these bits can be
used by the μP to detect SPI data faults.
Bit 29 - 28: SPIF[1..2]
These bits indicate the presence of an SPI data fault, as described in the following table:
Bit 27 - 26:
Bits not used.
Bit 25 - 16: RCIMP1_[9..0]
10 bit A/D conversion of the output of RCT2 amplifier before the activation of RCT1 switch.
For detailed description of the timing sequence refer to Section 4.12.
Bit 15: STGSNS
This bit represents the sensor short to ground condition on SNS pin as follows:
STGSNS=’0’ => no fault;
Table 8. SPI data fault
SPIF1
SPIF2
Description
0
X
No fault
1
0
SPI fault: SPI length error / data fault (CB error)
1
SPI fault: illegal SPI command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com