Electronic Components Datasheet Search
  English  ▼

X  

L9780TR Datasheet(PDF) 36 Page - STMicroelectronics

Part # L9780TR
Description  Wide range air fuel sensor control interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9780TR Datasheet(HTML) 36 Page - STMicroelectronics

Back Button L9780TR Datasheet HTML 32Page - STMicroelectronics L9780TR Datasheet HTML 33Page - STMicroelectronics L9780TR Datasheet HTML 34Page - STMicroelectronics L9780TR Datasheet HTML 35Page - STMicroelectronics L9780TR Datasheet HTML 36Page - STMicroelectronics L9780TR Datasheet HTML 37Page - STMicroelectronics L9780TR Datasheet HTML 38Page - STMicroelectronics L9780TR Datasheet HTML 39Page - STMicroelectronics L9780TR Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 56 page
background image
Digital interface description
L9780
36/56
DocID026356 Rev 3
Default state for this bit after power on reset: 0.
Bit 46 - 43: CCS[3..0]
These bits are used to select the clean current source on INRC pin, as specified in Table 10.
If the device receives an SPI command in order to modify CCS[3..0] bits in the middle of a
measurement cycle, it stores the new information and applies it at the beginning of the new
measurement cycle. CCS[3..0] bits reported in the output register are the values used in the
last measurement cycle.
Default state for these bits after power on reset: 0000.
Bit 42 - 40: SAMP[2..0]
These bits are used to select the gain of the scaling and FVOUT amplifiers, as specified in
Table 11.
If the device receives an SPI command in order to modify SAMP[2..0] bits in the middle of a
measurement cycle, it stores the new information and applies it at the beginning of the new
measurement cycle. SAMP[2..0] bits reported in the output register are the values used in
the last measurement cycle.
Default state for these bits after power on reset: 000.
Bit 39 - 34: VCCSCAP[5..0]
These bits are used to set the compensation capacitance Cint into VCCS cell. 1pF is
permanently connected as compensation capacitance; to this value the decimal conversion
of VCCSCAP[5..0] sequence has to be added in order to obtain the total capacitance used
as compensation, as follows:
VCCSCAP[5..0] = 000000 => 1 pF
VCCSCAP[5..0] = 111111 => 64 pF
The device is able to change compensation capacitance only when the VCCS is disabled.
The correct selection of Cint depends on the kind of the external resistive network that the
VCCS has to drive; some rules for a correct selection of Cint capacitance are described in
Section 4.9.
For correct use of these bits, refer also to Section 5.5.3.
Default state for these bits after power on reset: 111111.
Bit 33 - 32: MCP[1..0]
These bits are used to set the measurement clock period (Tsmc), as specified in Table 16.
If the device receives an SPI command in order to modify MCP[1..0] bits in the middle of a
measurement cycle, it stores the new information and applies it at the beginning of the new
measurement cycle. MCP[1..0] bits reported in the output register are the values used in the
last measurement cycle.
When the device is configured in synchronous mode, MCP bit configuration is ignored and
the status bits reported in SPI output register is 00.
For the description of the timing sequence refer to Section 4.12.
Default state for these bits after power on reset: 00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com