Electronic Components Datasheet Search
  English  ▼

X  

L9780TR Datasheet(PDF) 33 Page - STMicroelectronics

Part # L9780TR
Description  Wide range air fuel sensor control interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9780TR Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L9780TR Datasheet HTML 29Page - STMicroelectronics L9780TR Datasheet HTML 30Page - STMicroelectronics L9780TR Datasheet HTML 31Page - STMicroelectronics L9780TR Datasheet HTML 32Page - STMicroelectronics L9780TR Datasheet HTML 33Page - STMicroelectronics L9780TR Datasheet HTML 34Page - STMicroelectronics L9780TR Datasheet HTML 35Page - STMicroelectronics L9780TR Datasheet HTML 36Page - STMicroelectronics L9780TR Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
DocID026356 Rev 3
33/56
L9780
Digital interface description
55
Bit 58: INRCPD
This bit enables (INRCPD=’1’) or disables (INRCPD=’0’) INRC pull-down current.
If the device receives an SPI command in order to modify the status of this bit in the middle
of a measurement cycle, it stores the new information and applies it at the beginning of the
new measurement cycle. The information reported in the output register is the configuration
used in the last measurement cycle.
If the device receives an SPI command in order to modify INRCPD and VCCSEN bits at the
same time, it will perform these two actions in sequence, with a delay between the two
events. In particular if in the input frame INRCPD=’0’ and VCCSEN =’1’, the device disables
INRC pull-down before enabling VCCS, viceversa if in the input frame INRCPD=’1’ and
VCCSEN =’0’, the device disables VCCS before enabling INRC pull-down current.
For correct use of this bit, refer also to Section 5.5.3.
Default state for this bit after power on reset: 0.
Bit 57: STGINRC
This bit enables (STGINRC=’1’) or disables (STGINRC=’0’) short to ground diagnostic on
INRC pin.
Default state for this bit after power on reset: 0.
Bit 56: INRCGAIN
This bit selects the gain of INRC amplifier as follows:
INRCGAIN =’0’ => selected 4.2 gain;
INRCGAIN =’1’ => selected 2.1 gain.
Possible ranges for these gains are specified in section 8.1.2.1.
If the device receives an SPI command in order to modify the gain of INRC amplifier in the
middle of a measurement cycle, it stores the new information and applies it at the beginning
of the new measurement cycle. The value of the gain reported in the output register is the
gain used in the last measurement cycle.
Default state for this bit after power on reset: 0.
Bit 55: TGEN
This bit enables (TGEN=’1’) or disables (TGEN=’0’) VCCS TG switches between TG and
OUT pins.
If the device receives an SPI command in order to modify TGEN bit in the middle of a
measurement cycle, it stores the new information and applies it at the beginning of the new
measurement cycle. TGEN bit value reported in the output register is the value used in the
last measurement cycle.
Default state for this bit after power on reset: 0.
Bit 54: VCCSEN
This bit enables (VCCSEN=’1’) or disables (VCCSEN=’0’) VCCS cell. When VCCSEN=’0’,
VCCS is disabled and the “parking functionality” is active, that means that on C3 pin a
voltage similar to REF2 is present (the range of this voltage is specified in Table 11).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com