Electronic Components Datasheet Search
  English  ▼

X  

L9780TR Datasheet(PDF) 9 Page - STMicroelectronics

Part # L9780TR
Description  Wide range air fuel sensor control interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9780TR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L9780TR Datasheet HTML 5Page - STMicroelectronics L9780TR Datasheet HTML 6Page - STMicroelectronics L9780TR Datasheet HTML 7Page - STMicroelectronics L9780TR Datasheet HTML 8Page - STMicroelectronics L9780TR Datasheet HTML 9Page - STMicroelectronics L9780TR Datasheet HTML 10Page - STMicroelectronics L9780TR Datasheet HTML 11Page - STMicroelectronics L9780TR Datasheet HTML 12Page - STMicroelectronics L9780TR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
DocID026356 Rev 3
9/56
L9780
Operating conditions
55
2
Operating conditions
2.1
Maximum ratings
L9780 may not operate out of the maximum rating ranges. Once the correct situation is
restored after one of the following conditions is not respected (but not exceeding the
absolute maximum rating range) the part is still able to work with no damage.
2.2
Absolute maximum ratings
The part can be irreparably damaged if the voltages out of the absolute maximum ratings
ranges are applied to the pins. The part at these ratings could not work properly.
Table 3. Maximum ratings
Symbol
Parameter
Value
Unit
Vs
Supply voltage:
VCCA, VCCD, VCCCP
VCCI
4.9 to 5.1
3.14 to 5.1
V
VESD
ESD reference
40
V
Vin
Input voltage
HD, RCT1, RCT2, INRC
SR, SNS
CSN, SI, CLK, PW, SY
0 to 40
-VCCA to VCCA
0 to VCCA
V
Iin
Input current
VESD
SR, RCT1, RCT2, SNS
INRC
HD
OUT1, OUT2, TG1, TG2
(leakage for maximum short to battery voltage)
SR, RCT1, RCT2, SNS, INRC, HD, OUT1, OUT2,
TG1, TG2
(when the voltage is driven below the normal
operating range)
CSN, SI, CLK, PW, SY
-20
10
50
150
350
-275
±275
mA
μA
μA
μA
μA
μA
μA
Tj
Junction temperature
-40 to 150
°C
Table 4. Absolute maximum ratings
Symbol
Parameter
Value
Unit
Vs
Supply voltage:
VCCA, VCCD, VCCCP, VCCI
-0.3 to +6.5
V
VESD
ESD reference
+53
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com