Electronic Components Datasheet Search
  English  ▼

X  

L9780TR Datasheet(PDF) 25 Page - STMicroelectronics

Part # L9780TR
Description  Wide range air fuel sensor control interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9780TR Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L9780TR Datasheet HTML 21Page - STMicroelectronics L9780TR Datasheet HTML 22Page - STMicroelectronics L9780TR Datasheet HTML 23Page - STMicroelectronics L9780TR Datasheet HTML 24Page - STMicroelectronics L9780TR Datasheet HTML 25Page - STMicroelectronics L9780TR Datasheet HTML 26Page - STMicroelectronics L9780TR Datasheet HTML 27Page - STMicroelectronics L9780TR Datasheet HTML 28Page - STMicroelectronics L9780TR Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 56 page
background image
DocID026356 Rev 3
25/56
L9780
Main functionalities
55
4.13
Pin HD, HG functionalities: heater FET driver and diagnostic
As shown in the block diagram of Figure 2, HG pin is externally connected to the gate of the
external heater FET (an NMOS in low-side configuration, with the drain directly connected
to the heater element), while HD is connected to the drain through the external resistance
RHD (possible range for this resistor is specified in Table 19).
The heater is necessary in order to make the sensor work at a correct temperature. The
sensor can only operate in high temperature conditions, but as it is not able to reach the
desired range of temperature passively, an active heater is usually incorporated into the
sensor structure. This heater is normally composed by an ohmic resistor through which the
heater FET current is forced. The μP is able to obtain information regarding the sensor
temperature from the results of the impedance test performed into the device and
communicated to the μP via SPI (the higher is the sensor temperature, the lower is its
impedance); consequently, the μP can intervene on sensor temperature acting on PW pin.
PW is a digital input pin of the device and can be driven with a PWM signal by the μP. PW
pin signal is then internally inverted by the logic and the consequent signal is then applied
on HG pin, conditioning the activation/deactivation of the external heater FET (and so the
power consumption necessary to heat the sensor).
Capacitive coupling due to heater commutations can cause undesired signals on the
reference cell; in order to avoid it, the logic freezes the current state of HG signal during the
measurement cycle. HG status will be driven again by PW signal once the measurement
cycle is completed.
In order to avoid that the external FET switches on when VIGN voltage is present but the
device is un-powered, a 100 kΩ pull-down resistor is permanently connected to HG pin.
A diagnostic circuitry is also present into the heater driver, in order to detect open circuit,
short to ground or short to battery fault conditions; the logic into the device can
communicate via SPI to the μP the fault detection through OCH, STGH, STBH bit status.
The actions related to the diagnostic fault detection are described in Section 5.4, while all
the heater diagnostic thresholds are specified in Table 13. More details about the heater
diagnostic bits can be found in Section 6.4.
The ranges of the electrical parameters of the heater FET driver are specified in Table 12
and Table 15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com