Electronic Components Datasheet Search
  English  ▼

X  

PCM1820 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1820
Description  PCM182(0/1)-Q1 Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1820 Datasheet(HTML) 4 Page - Texas Instruments

  PCM1820 Datasheet HTML 1Page - Texas Instruments PCM1820 Datasheet HTML 2Page - Texas Instruments PCM1820 Datasheet HTML 3Page - Texas Instruments PCM1820 Datasheet HTML 4Page - Texas Instruments PCM1820 Datasheet HTML 5Page - Texas Instruments PCM1820 Datasheet HTML 6Page - Texas Instruments PCM1820 Datasheet HTML 7Page - Texas Instruments PCM1820 Datasheet HTML 8Page - Texas Instruments PCM1820 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
6 Pin Configuration and Functions
1
IN1P
14
DREG
2
IN1M
13
MS Z
3
12
MD0
4
11
MD1
No t to scale
Th ermal Pad (VSS)
15
VSS
20
VSS
10
VSS
5
VSS
IN2P
IN2M
Figure 6-1. RTW Package, 20-Pin WQFN With Exposed Thermal Pad, Top View
Table 6-1. Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
1
IN1P
Analog input
Analog input 1P pin.
2
IN1M
Analog input
Analog input 1M pin.
3
IN2P
Analog input
Analog input 2P pin.
4
IN2M
Analog input
Analog input 2M pin.
5
VSS
Analog Supply
Short this pin directly to the board ground plane.
6
SDOUT
Digital output
Audio serial data interface bus output.
7
BCLK
Digital I/O
Audio serial data interface bus bit clock.
8
FSYNC
Digital I/O
Audio serial data interface bus frame synchronization signal.
9
IOVDD
Digital supply
Digital I/O power supply (1.8 V or 3.3 V, nominal).
10
VSS
Analog supply
Short this pin directly to the board ground plane.
11
MD1
Digital input
Device configuration mode select 1 pin.
12
MD0
Digital input
Device configuration mode select 0 pin.
13
MSZ
Digital input
Audio interface bus master or slave select pin.
14
DREG
Digital supply
Digital regulator output voltage for digital core supply (1.5 V, nominal).
15
VSS
Analog supply
Short this pin directly to the board ground plane.
16
AVDD
Analog supply
Analog power (3.3 V, nominal).
17
AREG
Analog supply
Analog on-chip regulator output voltage for analog supply (1.8 V, nominal).
18
VREF
Analog
Analog reference voltage filter output.
19
FMT0
Digital input
Audio interface format select pin referred to AVDD supply.
20
VSS
Analog supply
Short this pin directly to the board ground plane.
Thermal Pad (VSS)
Ground supply
Thermal pad shorted to internal device ground. Short thermal pad directly to board
ground plane.
PCM1820-Q1, PCM1821-Q1
SBASAH4A – APRIL 2022 – REVISED SEPTEMBER 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: PCM1820-Q1 PCM1821-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com