Electronic Components Datasheet Search
  English  ▼

X  

PCM1820 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1820
Description  PCM182(0/1)-Q1 Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1820 Datasheet(HTML) 29 Page - Texas Instruments

Back Button PCM1820 Datasheet HTML 25Page - Texas Instruments PCM1820 Datasheet HTML 26Page - Texas Instruments PCM1820 Datasheet HTML 27Page - Texas Instruments PCM1820 Datasheet HTML 28Page - Texas Instruments PCM1820 Datasheet HTML 29Page - Texas Instruments PCM1820 Datasheet HTML 30Page - Texas Instruments PCM1820 Datasheet HTML 31Page - Texas Instruments PCM1820 Datasheet HTML 32Page - Texas Instruments PCM1820 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
9.2.1 Design Requirements
Table 9-1 lists the design parameters for this application.
Table 9-1. Design Parameters
KEY PARAMETER
SPECIFICATION: 3.3-V AVDD OPERATION
AVDD
3.3 V
AVDD supply current consumption
12.9 mA (two-channel recording, fS = 48 kHz)
IOVDD
1.8 V or 3.3 V
9.2.2 Detailed Design Procedure
This section describes the necessary steps to configure the PCM182(0/1)-Q1 for this specific application. The
following steps provide a sequence of steps that must be executed in the time between powering the device up
and reading data from the device or transitioning from one mode to another mode of operation.
1. Apply power to the device:
a. Power-up the IOVDD and AVDD power supplies
b. The device now goes into low-power mode
2. Configure the pins for correct configuration:
a. Connect the MSZ, FMT0, MD0, and MD1 pin voltages for the desired configuration
b. Apply FSYNC and BCLK with the desired output sample rates and the BCLK to FSYNC ratio
See the Phase-Locked Loop (PLL) and Clock Generation section for supported sample rates and the
BCLK to FSYNC ratio
c. The device recording data are now sent to the host processor via the audio serial data bus
3. Stop the clocks to stop recording of data at any time
www.ti.com
PCM1820-Q1, PCM1821-Q1
SBASAH4A – APRIL 2022 – REVISED SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: PCM1820-Q1 PCM1821-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com