Electronic Components Datasheet Search
  English  ▼

X  

PCM1820 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1820
Description  PCM182(0/1)-Q1 Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1820 Datasheet(HTML) 23 Page - Texas Instruments

Back Button PCM1820 Datasheet HTML 19Page - Texas Instruments PCM1820 Datasheet HTML 20Page - Texas Instruments PCM1820 Datasheet HTML 21Page - Texas Instruments PCM1820 Datasheet HTML 22Page - Texas Instruments PCM1820 Datasheet HTML 23Page - Texas Instruments PCM1820 Datasheet HTML 24Page - Texas Instruments PCM1820 Datasheet HTML 25Page - Texas Instruments PCM1820 Datasheet HTML 26Page - Texas Instruments PCM1820 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
8.3.6.2.2 Low-Latency Filters
For applications where low latency with minimal phase deviation (within the audio band) is critical, the low-
latency decimation filters on the PCM182(0/1)-Q1 can be used. The device supports these filters with a group
delay of approximately seven samples with an almost linear phase response within the 0.365 × fS frequency
band. This section provides the filter performance specifications and various plots for all supported output
sampling rates for the low-latency filters.
8.3.6.2.2.1 Sampling Rate: 16 kHz or 14.7 kHz
Figure 8-23 shows the magnitude response and Figure 8-24 shows the pass-band ripple and phase deviation for
a decimation filter with a sampling rate of 16 kHz or 14.7 kHz. Table 8-15 lists the specifications for a decimation
filter with a 16-kHz or 14.7-kHz sampling rate.
Normalized Frequency (1/fS)
0
0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
4
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
D002
Figure 8-23. Low-Latency Decimation Filter
Magnitude Response
Normalized Frequency (1/fS)
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
-0.5
-0.5
-0.4
-0.4
-0.3
-0.3
-0.2
-0.2
-0.1
-0.1
0
0
0.1
0.1
0.2
0.2
0.3
0.3
0.4
0.4
0.5
0.5
D002
Pass-Band Ripple
Phase Deviation
Figure 8-24. Low-Latency Decimation Filter Pass-
Band Ripple and Phase Deviation
Table 8-15. Low-Latency Decimation Filter Specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Pass-band ripple
Frequency range is 0 to 0.451 × fS
–0.05
0.05
dB
Stop-band attenuation
Frequency range is 0.61 × fS onwards
87.3
dB
Group delay or latency
Frequency range is 0 to 0.363 × fS
7.6
1/fS
Group delay deviation
Frequency range is 0 to 0.363 × fS
–0.022
0.022
1/fS
Phase deviation
Frequency range is 0 to 0.363 × fS
–0.21
0.25
Degrees
www.ti.com
PCM1820-Q1, PCM1821-Q1
SBASAH4A – APRIL 2022 – REVISED SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: PCM1820-Q1 PCM1821-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com