Electronic Components Datasheet Search
  English  ▼

X  

PCM1820 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1820
Description  PCM182(0/1)-Q1 Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1820 Datasheet(HTML) 1 Page - Texas Instruments

  PCM1820 Datasheet HTML 1Page - Texas Instruments PCM1820 Datasheet HTML 2Page - Texas Instruments PCM1820 Datasheet HTML 3Page - Texas Instruments PCM1820 Datasheet HTML 4Page - Texas Instruments PCM1820 Datasheet HTML 5Page - Texas Instruments PCM1820 Datasheet HTML 6Page - Texas Instruments PCM1820 Datasheet HTML 7Page - Texas Instruments PCM1820 Datasheet HTML 8Page - Texas Instruments PCM1820 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
PCM182(0/1)-Q1 Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
1 Features
• Stereo high-performance ADC:
– 2-channel analog microphones or line-in
• ADC line and microphone differential input
performance:
– PCM1820-Q1 dynamic range:
• 123-dB, dynamic range enhancer enabled
• 113-dB, dynamic range enhancer disabled
– PCM1821-Q1 dynamic range: 106 dB
– THD+N: –95 dB
• ADC differential 2-VRMS full-scale input
• ADC sample rate (fS) = 8 kHz to 192 kHz
• Hardware pin control configurations
• Linear-phase or low-latency filter selection
• Flexible audio serial data interface:
– Master or slave interface selection
– 32-bits, 2-channel TDM
– 32-bits, 2-channel I2S
• Automatic power-down upon loss of audio clocks
• Integrated high-performance audio PLL
• Single-supply operation: 3.3 V
• I/O-supply operation: 3.3 V or 1.8 V
• Power consumption for 3.3-V AVDD supply:
– 19.6 mW/channel at 16-kHz sample rate
– 21.3 mW/channel at 48-kHz sample rate
2 Applications
• Automotive Active Noise Cancellation
• Automotive Head Unit
• Rear Seat Entertainment
• Digital Cockpit Processing Unit
• Telematics Control Unit
3 Description
The PCM182(0/1)-Q1 is a high-performance, Burr-
Brown™ audio analog-to-digital converter (ADC) that
supports simultaneous sampling of up to two analog
channels. The device supports differential line and
microphone inputs with a 2-VRMS full-scale signal.
The device integrates a phase-locked loop (PLL),
a DC removal high-pass filter (HPF), and supports
sample rates up to 192 kHz. The device supports
time-division multiplexing (TDM) or I2S audio formats,
selectable with the hardware pin level. Additionally,
the PCM182(0/1)-Q1 supports master and slave
mode selection for the audio bus interface operation.
These integrated high-performance features, along
with the ability to be powered from a single supply
of 3.3 V, make the device an excellent choice for cost-
sensitive, space-constrained audio systems in far-field
microphone recording applications.
The PCM182(0/1)-Q1 is specified from –40°C to
+125°C, and is offered in a 20-pin WQFN package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
PCM182(0/1)-Q1
WQFN (20)
3.00 mm × 3.00 mm with
0.5-mm pitch
(1)
For all available packages, see the package option
addendum at the end of the data sheet.
ADC
Channel-1
Digital
Decimation
Filters
with High Pass
Filter (HPF)
Audio Serial
Interface
(TDM, I2S)
BCLK
FSYNC
SDOUT
IN1M
IN1P
IN2M
IN2P
ADC
Channel-2
Regulators, Current Bias
and Voltage Reference
Clock and Timing
Controller with
Integrated PLL
Simplified Block Diagram
PCM1820-Q1, PCM1821-Q1
SBASAH4A – APRIL 2022 – REVISED SEPTEMBER 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - PCM1820

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1820 TI-PCM1820 Datasheet
2Mb / 40P
PCM182x Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
PCM1820 TI-PCM1820 Datasheet
3Mb / 41P
PCM182x Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
PCM1820 TI-PCM1820 Datasheet
5Mb / 120P
TLV320ADC3120 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
PCM1820 TI-PCM1820 Datasheet
5Mb / 130P
TLV320ADC6120 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
PCM1820 TI-PCM1820 Datasheet
3Mb / 41P
PCM182x Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
REVISED JUNE 2021
More results

Similar Description - PCM1820

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1840 TI1-PCM1840 Datasheet
1Mb / 34P
PCM1840 Quad Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
PCM1820 TI-PCM1820 Datasheet
2Mb / 40P
PCM182x Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
PCM1820 TI-PCM1820_V01 Datasheet
3Mb / 41P
PCM182x Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
PCM1820 TI-PCM1820_V02 Datasheet
3Mb / 41P
PCM182x Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
REVISED JUNE 2021
PCM1820-Q1 TI-PCM1820-Q1 Datasheet
3Mb / 44P
PCM182(0/1)-Q1 Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
APRIL 2022
PCM1822-Q1 TI-PCM1822-Q1 Datasheet
3Mb / 43P
PCM1822-Q1 Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
APRIL 2022
PCM1822 TI-PCM1822 Datasheet
2Mb / 41P
PCM1822 Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
MAY 2022
PCM3120-Q1 TI-PCM3120-Q1 Datasheet
5Mb / 117P
PCM3120-Q1 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
APRIL 2022
PCM1822-Q1 TI-PCM1822-Q1_V01 Datasheet
3Mb / 44P
PCM1822-Q1 Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
REVISED SEPTEMBER 2022
PCM3120-Q1 TI-PCM3120-Q1_V01 Datasheet
5Mb / 120P
PCM3120-Q1 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
REVISED SEPTEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com