Electronic Components Datasheet Search
  English  ▼

X  

TMP1826 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # TMP1826
Description  TMP1826 Single-Wire, ±0.3°C Accurate Temperature Sensor With 2-kbit EEPROM
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP1826 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TMP1826 Datasheet HTML 30Page - Texas Instruments TMP1826 Datasheet HTML 31Page - Texas Instruments TMP1826 Datasheet HTML 32Page - Texas Instruments TMP1826 Datasheet HTML 33Page - Texas Instruments TMP1826 Datasheet HTML 34Page - Texas Instruments TMP1826 Datasheet HTML 35Page - Texas Instruments TMP1826 Datasheet HTML 36Page - Texas Instruments TMP1826 Datasheet HTML 37Page - Texas Instruments TMP1826 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 71 page
background image
the NVM, therefore the host must hold the bus in idle state for twice the EEPROM programming time before it
performs the next access.
Func on = 0Fh (WRITE
SCRATCHPAD-2)?
Func on = 55h (COPY
SCRATCHPAD-2)?
Func on = AAh (READ
SCRATCHPAD-2)?
Host Sends EEPROM
Address High Byte
Host Sends EEPROM
Address Low Byte
Host Sends 8 Data Bytes
(LSB First)
Host sends A5h to commit
Scratchpad-2 to EEPROM
TMP18xx Sends CRC Byte
Host Sends EEPROM
Address High Byte
Host Sent Reset?
Has 8 bytes been
read?
TMP18xx Sends CRC Byte
Back to Start
Yes
Yes
Yes
Yes
No
No
No
No
No
Host Sends EEPROM
Address Low Byte
TMP18xx Sends Data
Bytes (LSB First)
Func on = F0h (READ
EEPROM)?
Host Sends EEPROM
Address High Byte
Yes
Host Sends EEPROM
Address Low Byte
TMP18xx Sends Data
Bytes (LSB First)
Have 8 bytes
been read?
Yes
No
Host waits for tPROG
Yes
Host Sent Reset?
No
Host waits for tREADIDLE
Yes
No
Figure 7-23. Function Phase Flowchart for Memory Access
7.4.3.3.5 WRITE SCRATCHPAD-2 (0Fh)
The function is issued by the host to prepare data write to the EEPROM using memory scratchpad.
Figure 7-23 shows that the host first sends 2 bytes for the EEPROM address, followed by 8 data bytes. On
receiving the 8 data bytes, the device computes the CRC for total of 10 bytes of address and data received
from the host for data integrity check. The function only copies the data to the memory scratchpad, to enable the
host to change data, before the final EEPROM erase and program. Additionally, the host may use the memory
scratchpad as a 8-byte volatile buffer.
The device does not support byte wise access for EEPROM. All access to the scratchpad are done in
increments of 8 bytes. Hence the host must send the address at the 8-byte block boundary. Figure 7-9 shows
that any attempt to write data at a non-block boundary will result in data corruption for the corresponding
EEPROM page and block.
7.4.3.3.6 READ SCRATCHPAD-2 (AAh)
The function is issued by the host to read the content of the memory scratchpad.
The host first sends the 2 bytes for the EEPROM address (see Figure 7-23). If the 2 bytes of address matches
the address sent during the last WRITE SCRATCHPAD-2, the device responds by sending the 8 bytes of data
that was written to the scratchpad-2 buffer earlier. The host can send a bus reset any time during the transfer. If
the device sends all 8 bytes and no bus reset is received,the device transmits the CRC computed on the 2 byte
of address sent by the host and 8 bytes of data sent by the device to the host for data integrity check.
If there is a mismatch in the address, the device shall go back to the start and wait for a bus reset to
restart communication, and the host shall receive '1' on the bus for any subsequent read. This mechanism
ensures that the host can detect an address byte corruption during both WRITE SCRATCHPAD-2 and READ
SCRATCHPAD-2, as both the data bytes and CRC byte will read back as FFh.
TMP1826
SBOSA45A – FEBRUARY 2022 – REVISED SEPTEMBER 2022
www.ti.com
34
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TMP1826



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com