Electronic Components Datasheet Search
  English  ▼

X  

TMP1826 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TMP1826
Description  TMP1826 Single-Wire, ±0.3°C Accurate Temperature Sensor With 2-kbit EEPROM
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP1826 Datasheet(HTML) 4 Page - Texas Instruments

  TMP1826 Datasheet HTML 1Page - Texas Instruments TMP1826 Datasheet HTML 2Page - Texas Instruments TMP1826 Datasheet HTML 3Page - Texas Instruments TMP1826 Datasheet HTML 4Page - Texas Instruments TMP1826 Datasheet HTML 5Page - Texas Instruments TMP1826 Datasheet HTML 6Page - Texas Instruments TMP1826 Datasheet HTML 7Page - Texas Instruments TMP1826 Datasheet HTML 8Page - Texas Instruments TMP1826 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 71 page
background image
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
All pins
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
All pins
±500
V
IEC 61000-4-2 Contact Discharge
SDQ pin
±8000
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
VDD
Supply voltage VDD powered mode
1.70
5.5
V
VPUR
Supply voltage on SDQ in bus powered mode (VDD = GND)
1.70
5.5
V
VI/O
All IO pins in VDD powered mode (except SDQ and ADDR(1))
0
5.5
V
SDQ pin in VDD powered mode
0
VDD + 0.3
V
TA
Operating ambient temperature(2)
-55
150
°C
(1)
If ADDR pin is not used, it is recommended to be connected to GND
(2)
In bus powered mode, overdrive speed supports the max operating temperature up to 150°C, while standard speed supports up to
125°C for full VPUR range and 150C for VPUR > 2.5V (See Figure 6-18)
6.4 Thermal Information
THERMAL METRIC(1)
TMP1826
UNIT
NGR (WSON)
DGK (VSSOP)
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
66.1
158.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
55.7
52.6
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
20.2
NA
°C/W
RθJB
Junction-to-board thermal resistance
26.3
79.0
°C/W
ψJT
Junction-to-top characterization parameter
1.0
4.9
°C/W
ψJB
Junction-to-board characterization parameter
26.1
77.5
°C/W
MT
Thermal Mass
TBD
TBD
mJ/°C
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.5 Electrical Characteristics
Over free-air temperature range and VDD = 1.7 V to 5.5 V (unless otherwise noted); Typical specifications are at TA = 25°C
and VDD = 3.3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEMPERATURE SENSOR
TERR
Temperature accuracy
–20°C to 85°C
±0.1
±0.3
°C
–55°C to 125°C
±0.3
±0.5
–55°C to 150°C
±0.5
±1.0
PSR
DC power supply sensitivity
±0.03
°C/V
TRES
Temperature resolution
Including sign bit
16
Bits
LSB
7.8125
m°C
TREPEAT
Repeatability(1)
VDD = 3.3 V
Averaging enabled, Conversion Time = 5.5 ms,
16-bit mode,
1-Hz conversion interval, 300 acquisition
±2
LSB
TLTD
Long-term stability and drift
1000 hours at 150°C(2)
0.0625
°C
TMP1826
SBOSA45A – FEBRUARY 2022 – REVISED SEPTEMBER 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TMP1826



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com