Electronic Components Datasheet Search
  English  ▼

X  

TMP1826 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TMP1826
Description  TMP1826 Single-Wire, ±0.3°C Accurate Temperature Sensor With 2-kbit EEPROM
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP1826 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMP1826 Datasheet HTML 18Page - Texas Instruments TMP1826 Datasheet HTML 19Page - Texas Instruments TMP1826 Datasheet HTML 20Page - Texas Instruments TMP1826 Datasheet HTML 21Page - Texas Instruments TMP1826 Datasheet HTML 22Page - Texas Instruments TMP1826 Datasheet HTML 23Page - Texas Instruments TMP1826 Datasheet HTML 24Page - Texas Instruments TMP1826 Datasheet HTML 25Page - Texas Instruments TMP1826 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 71 page
background image
device to operate at standard speed, then the host can easily switch the device by issuing a standard speed bus
reset. The seamless switchover allows the host to leverage better data rates on new designs, while maintaining
backward compatibility for older design.
Additionally, the device also provides the flexibility to switch from standard to overdrive speed mode using
address phase commands of OVD SKIPADDR and OVD MATCHADDR.
• When host issues OVD SKIPADDR, then all devices on the bus switch from standard speed to overdrive
speed.
• When host issues OVD MATCHADDR, then the device whose 64-bit device address matches the address
that host sends will switch from standard to overdrive speed.
7.3.14 NIST Traceability
The accuracy of temperature testing is verified with equipment that is calibrated by an accredited lab that
complies with ISO/IEC 17025 policies and procedures. Each device is tested and trimmed to conform to its
respective data sheet specification limits.
TMP1826
SBOSA45A – FEBRUARY 2022 – REVISED SEPTEMBER 2022
www.ti.com
22
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TMP1826



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com