Electronic Components Datasheet Search
  English  ▼

X  

TMP1826 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TMP1826
Description  TMP1826 Single-Wire, ±0.3°C Accurate Temperature Sensor With 2-kbit EEPROM
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP1826 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TMP1826 Datasheet HTML 16Page - Texas Instruments TMP1826 Datasheet HTML 17Page - Texas Instruments TMP1826 Datasheet HTML 18Page - Texas Instruments TMP1826 Datasheet HTML 19Page - Texas Instruments TMP1826 Datasheet HTML 20Page - Texas Instruments TMP1826 Datasheet HTML 21Page - Texas Instruments TMP1826 Datasheet HTML 22Page - Texas Instruments TMP1826 Datasheet HTML 23Page - Texas Instruments TMP1826 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 71 page
background image
Page 7
Block 3
Block 0
Block 1
Block 2
00FFh
00E0h
00E0h – 00E7h
00E8h – 00EFh
00F0h – 00F7h
00F8h – 00FFh
Page 6
Block 3
Block 0
Block 1
Block 2
00DFh
00C0h
00C0h – 00C7h
00C8h – 00CFh
00D0h – 00D7h
00D8h – 00DFh
00A0h – 00A7h
00BFh
00A0h
Page 5
Block 3
Block 0
Block 1
Block 2
00A8h – 00AFh
00B0h – 00B7h
00B8h – 00CFh
0080h – 0087h
009Fh
0080h
Page 4
Block 3
Block 0
Block 1
Block 2
0088h – 008Fh
0090h – 0097h
0098h – 009Fh
0060h – 0067h
007Fh
0060h
Page 3
Block 3
Block 0
Block 1
Block 2
0068h – 006Fh
0070h – 0077h
0078h – 007Fh
0040h – 0047h
005Fh
0040h
Page 2
Block 3
Block 0
Block 1
Block 2
0048h – 004Fh
0050h – 0057h
0058h – 005Fh
0020h – 0027h
003Fh
0020h
Page 1
Block 3
Block 0
Block 1
Block 2
0028h – 002Fh
0030h – 0037h
0038h – 003Fh
0000h – 0007h
001Fh
0000h
Page 0
Block 3
Block 0
Block 1
Block 2
0008h – 000Fh
0010h – 0017h
0018h – 001Fh
Figure 7-9. Address to EEPROM Page and Block Map
Note
The device shall return "1" for any device read without a CRC if the address is outside the user
memory map.
7.3.12 Bit Communication
The single-wire interface communication does not have a reference clock, therefore all communication is
performed asynchronously with fixed time slot (tSLOT) and variable pulse width to indicate logic '0' and '1'. In
idle state, the external pullup resistor holds the line high. All bit communication, whether it is a write or a read,
are initiated by the host by driving the data line low to generate a falling edge and the bit value is decoded as the
time for which the data line is held low or high after the falling edge.
Even though the communication is one bit at a time, the data exchanged between the host and device is
performed at byte boundary. Every byte is sent least significant bit first. The device behavior is not ensured when
incomplete bytes are sent.
TMP1826
SBOSA45A – FEBRUARY 2022 – REVISED SEPTEMBER 2022
www.ti.com
20
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TMP1826



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com