Electronic Components Datasheet Search
  English  ▼

X  

TMP1826 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TMP1826
Description  TMP1826 Single-Wire, ±0.3°C Accurate Temperature Sensor With 2-kbit EEPROM
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP1826 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMP1826 Datasheet HTML 5Page - Texas Instruments TMP1826 Datasheet HTML 6Page - Texas Instruments TMP1826 Datasheet HTML 7Page - Texas Instruments TMP1826 Datasheet HTML 8Page - Texas Instruments TMP1826 Datasheet HTML 9Page - Texas Instruments TMP1826 Datasheet HTML 10Page - Texas Instruments TMP1826 Datasheet HTML 11Page - Texas Instruments TMP1826 Datasheet HTML 12Page - Texas Instruments TMP1826 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 71 page
background image
VIL
VIH
VPUR
tGF
Logic H
Logic L
Logic H
Logic L
Input of
Glitch Filter
Output of
Glitch Filter
Host drives SDQ
High Impedance, external pullup
Figure 6-6. Glitch Filter Timing Diagram
6.9 Typical Characteristics
Temperature (
C)
-55 -40 -25 -10
5
20 35 50 65 80 95 110 125 140
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
1.2
Figure 6-7. Temperature Error vs Temperature (NGR Package)
Temperature (
C)
-55
-40
-25
-10
5
20
35
50
65
80
95
110 125 140
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
1.7
3.3
5.5
Figure 6-8. Temperature Error vs Temperature (DGK Package)
www.ti.com
TMP1826
SBOSA45A – FEBRUARY 2022 – REVISED SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TMP1826



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com