Electronic Components Datasheet Search
  English  ▼

X  

TDA7803A Datasheet(PDF) 57 Page - STMicroelectronics

Part # TDA7803A
Description  High efficiency digital input automotive quad power amplifier with built-in diagnostics features, start stop compatible
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7803A Datasheet(HTML) 57 Page - STMicroelectronics

Back Button TDA7803A Datasheet HTML 53Page - STMicroelectronics TDA7803A Datasheet HTML 54Page - STMicroelectronics TDA7803A Datasheet HTML 55Page - STMicroelectronics TDA7803A Datasheet HTML 56Page - STMicroelectronics TDA7803A Datasheet HTML 57Page - STMicroelectronics TDA7803A Datasheet HTML 58Page - STMicroelectronics TDA7803A Datasheet HTML 59Page - STMicroelectronics TDA7803A Datasheet HTML 60Page - STMicroelectronics TDA7803A Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 72 page
background image
DS12195 Rev 7
57/72
TDA7803A
I2C registers
71
10.2.4
DB3 - Subaddress: "I0010011h" - Channel 3
Table 27. DB3 - Subaddress: "I0010011h" - Channel 3
Bit
Instruction decoding bit
D7
Overcurrent protection Channel 3:
0: Overcurrent protection NOT triggered on CH3
1: Overcurrent protection triggered on CH3
D6
Channel 3 Soft Short present
0: No Soft short
1: Soft Short
(only during turn-on diagnostic)
D5
Channel 3 offset detection
0: No Input offset
1: Input offset detected
D4
Channel 3 Permanent Diagnostic status
0: Permanent diagnostic cycle not activated or not terminated
1: Permanent diagnostic cycle terminated
D3
Channel 3 Normal/Short Load
0: Normal load
1: Short load
D2
Channel 3 Open load
0: No open load
1: Open load detection
(only during turn-on diagnostic)
D1
Channel 3 Short to Vcc
0: No Hard short to Vcc
1: Hard short to Vcc
D0
Channel 3 Short to GND
0: No short to GND
1: Short to GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com