Electronic Components Datasheet Search
  English  ▼

X  

TDA7803A Datasheet(PDF) 35 Page - STMicroelectronics

Part # TDA7803A
Description  High efficiency digital input automotive quad power amplifier with built-in diagnostics features, start stop compatible
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7803A Datasheet(HTML) 35 Page - STMicroelectronics

Back Button TDA7803A Datasheet HTML 31Page - STMicroelectronics TDA7803A Datasheet HTML 32Page - STMicroelectronics TDA7803A Datasheet HTML 33Page - STMicroelectronics TDA7803A Datasheet HTML 34Page - STMicroelectronics TDA7803A Datasheet HTML 35Page - STMicroelectronics TDA7803A Datasheet HTML 36Page - STMicroelectronics TDA7803A Datasheet HTML 37Page - STMicroelectronics TDA7803A Datasheet HTML 38Page - STMicroelectronics TDA7803A Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 72 page
background image
DS12195 Rev 7
35/72
TDA7803A
Functional description
71
6.9.1
Auto-mute threshold
The device in play mode is put in mute when the supply voltage gets below the VlowM
threshold.
The muting strategy for this kind of event is reported in Figure 38. Both analog and digital
mute start when the supply voltage is below VlowM_HIGH. The digital mute transition lasts a
period TMUTE. The analog mute attenuation is proportional to Vs; when Vs is at VlowM_LOW
the mute attenuation is AM.
Note that, once it is engaged, the digital mute procedure will apply the AM attenuation. It is
not possible to stop it and move the device to play mode in advance. The concept of this
procedure is to avoid that fast oscillation on Vs can generate fast oscillation on the output.
Figure 38. Low voltage mute attenuation, supply voltage variation (Vs); result digital
attenuation (At)
When the battery goes below the auto-mute low threshold, it is possible to disable the digital
muting if IB2 D2 = "1". In this case the mute will be only analog.
The digital mute is also disabled during the turn-on diagnostic.
6.9.2
Mute and unmute commutation time
6.10
Class SBI - Improved high efficiency principle
TDA7803A embeds an improved high efficiency feature that minimizes the power dissipated
through the heat sink basing on the musical signal characteristic. All channels are
connected to a common bar by means of four power switches. When an input signal goes
TMUTE
t(sec)
Vs/Attenuation(At)
TMUTE
Vs
At=1
VAM-HIGH
VAM-LOW
GAPGPS00812
Table 10. Mute and unmute commutation time
Parameter
Test condition
Typ.
Unit
Mute and unmute commutation time
Programmable by I2C bus register
IB2(7:5) Fs = 44.1 kHz
1.45
ms
6
12
25
45
90
180
370



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com