Electronic Components Datasheet Search
  English  ▼

X  

TDA7803A Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7803A
Description  High efficiency digital input automotive quad power amplifier with built-in diagnostics features, start stop compatible
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7803A Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7803A Datasheet HTML 5Page - STMicroelectronics TDA7803A Datasheet HTML 6Page - STMicroelectronics TDA7803A Datasheet HTML 7Page - STMicroelectronics TDA7803A Datasheet HTML 8Page - STMicroelectronics TDA7803A Datasheet HTML 9Page - STMicroelectronics TDA7803A Datasheet HTML 10Page - STMicroelectronics TDA7803A Datasheet HTML 11Page - STMicroelectronics TDA7803A Datasheet HTML 12Page - STMicroelectronics TDA7803A Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 72 page
background image
DS12195 Rev 7
9/72
TDA7803A
Block diagram and pins description
71
Table 1. Flexiwatt27 pins description
N°
Pin
Function
1
TAB
TAB connection
Ground
2
STBY
STBY pin
Input
3
WS
Word select (I2S bus)
Logic Input
4
OUT2+
Channel 2 (Left Rear) positive output
Power Output
5
PWGND2
Power ground channels 2
Power Ground
6
OUT2-
Channels 2 (Left Rear) negative output
Power Output
7
VCC12
Channel 1 and 2 positive supply
Battery
8
OUT1-
Channel 1 (Left Front) negative output
Power Output
9
PWGND1
Power ground channel 1
Power Ground
10
OUT1+
Channel 1 (Left Front) positive output
Power Output
11
SCK
Serial clock (I2S bus)
Logic Input
12
SD24
Serial data channels 2 and 4 (I2S bus)
Logic Input
13
SD13
Serial data channels 1 and 3 (I2S bus)
Logic Input
14
DGND
Digital ground
Signal Ground
15
AGND
Analog ground
Signal Ground
16
D3V3
Digital 3.3V supply filter
Digital Regulator
17
A3V3
Analog 3.3V supply filter
Analog Regulator
18
OUT3+
Channels 3 (right front) positive output
Power Output
19
PWGND3
Power ground channel 3
Power Ground
20
OUT3-
Channels 3 (right front) negative output
Power Output
21
VCC34
Channels 3 and 4 positive supply
Battery
22
OUT4-
Channels 4 (right rear) negative output
Power Output
23
PWGND4
Power ground channel 4
Power Ground
24
OUT4+
Channels 4 (right rear) positive output
Power Output
25
CD/DIAG
Clip detector and diagnostic output
Open Drain Output
26
SDA
I2C data
Signal Input
27
SCL
I2C clock
Signal Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com