Electronic Components Datasheet Search
  English  ▼

X  

TDA7803A Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7803A
Description  High efficiency digital input automotive quad power amplifier with built-in diagnostics features, start stop compatible
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7803A Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7803A Datasheet HTML 8Page - STMicroelectronics TDA7803A Datasheet HTML 9Page - STMicroelectronics TDA7803A Datasheet HTML 10Page - STMicroelectronics TDA7803A Datasheet HTML 11Page - STMicroelectronics TDA7803A Datasheet HTML 12Page - STMicroelectronics TDA7803A Datasheet HTML 13Page - STMicroelectronics TDA7803A Datasheet HTML 14Page - STMicroelectronics TDA7803A Datasheet HTML 15Page - STMicroelectronics TDA7803A Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 72 page
background image
Electrical specification
TDA7803A
12/72
DS12195 Rev 7
3
Electrical specification
3.1
Absolute maximum ratings
3.2
Thermal data
Table 3. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VS
DC supply voltage
-0.3 to 28
V
Vpeak
Transient supply voltage for t = 100 ms
-0.3 to 50
V
Vi2c
I2C bus pins voltage
-0.3 to 4.6
V
Vi2s
I2S bus pins voltage
-0.3 to 4.6
V
Vunmute
Unmute hardware voltage (PSO36 only)
-0.3 to 4.6
V
Vcd
CD/Diag pin voltage
-0.3 to 20
V
Vstby
STBY pin voltage
-0.3 to 4.6
V
IO
Output peak current (repetitive f > 10 Hz)
internally
limited(1)
1. Internally limited by overcurrent protection.
A
Ptot
Power dissipation Tcase = 70 °C
85
W
Tstg, Tj
Storage and junction temperature
55 to 150
°C
Tamb
Operative temperature range(2)
2. A suitable heatsink/dissipation system should be used to keep Tj inside the specified limits.
-40 to 105
°C
Cmax
Maximum capacitor vs. ground connected to the output
4.7
nF
ESDHBM
ESD protection HBM (3)
3. Conforming to Q100 ESD standard.
2000
V
ESDCDM
ESD protection CDM (3)
500
V
Table 4. Thermal data
Symbol
Parameter
Value
Unit
Rth j-case
Thermal resistance junction-to-case (max.)
1
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com