Electronic Components Datasheet Search
  English  ▼

X  

TDA7803A Datasheet(PDF) 31 Page - STMicroelectronics

Part # TDA7803A
Description  High efficiency digital input automotive quad power amplifier with built-in diagnostics features, start stop compatible
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7803A Datasheet(HTML) 31 Page - STMicroelectronics

Back Button TDA7803A Datasheet HTML 27Page - STMicroelectronics TDA7803A Datasheet HTML 28Page - STMicroelectronics TDA7803A Datasheet HTML 29Page - STMicroelectronics TDA7803A Datasheet HTML 30Page - STMicroelectronics TDA7803A Datasheet HTML 31Page - STMicroelectronics TDA7803A Datasheet HTML 32Page - STMicroelectronics TDA7803A Datasheet HTML 33Page - STMicroelectronics TDA7803A Datasheet HTML 34Page - STMicroelectronics TDA7803A Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 72 page
background image
DS12195 Rev 7
31/72
TDA7803A
Functional description
71
loudspeaker with a very high inductance and it took more than 2 ms to get the current
reduced.
A plateau cycle can be recalled by means of a reading procedure of bytes DB1/2/3/4 when
the amplifier is performing the restart cycle. As for the turn-on diagnostic, when DB4 is read
DB1/2/3/4 are reset, therefore the incremental reading is suggested in order not to miss any
data.
Please note that if the over-current cause was removed before the reading the plateau cycle
cannot restart.
6.4
AC diagnostic
The goal of this feature is to detect accidental disconnection of tweeters in 2-way speaker
and, more in general, the presence of capacitive (AC) coupled load. This diagnostic is
based on the notion that the overall speaker's impedance (woofer + parallel tweeter) tends
to increase towards high frequencies if the tweeter gets disconnected. This happens
because the remaining speaker (woofer) would be out of its operating frequency's range
(high impedance).
To determine the load impedance, a sine wave tone of a suitable frequency should be
provided to the output pins and the AC diagnostic is able to determine if the tweeter is
connected or not. The tweeter is not connected if for four consecutive sine waves the
current threshold on the load is not crossed.
AC diagnostic is managed by I2C commands. When IB4 D3 = "1", the AC diagnostic is
enabled; IB4 D4 is used to choose the current level threshold to be used as a reference for
the test.
The results of the AC diagnostic test are stored in DB5 D3..6. It is written "1" if the tweeter
for that channel is present.
The AC diagnostic is able to give the correct results only if the input signal Vout < Vs -4V.
User knows that this condition is verified by reading "0" in DB5 D7. When DB5 D7 = "0", it
mean that the test's signal was too high.
6.5
Input offset detector
Input offset detector aim is to avoid any possible offset that could come from the audio
signal source through I2S/TDM input stream.
For this purpose the TDA7803A input offset detector performs an evaluation of the input
signal and calculates if an offset with values higher that -19.5 dBFS is present.
Moreover, if high pass filter function is selected by means of IB3-d0, the TDA7803A will
eliminate the input offset giving a complete robustness to any disturbance or malfunction
coming from external audio chain blocks.
The input offset detector and high-pass filtering can be used during PLAY mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com