Electronic Components Datasheet Search
  English  ▼

X  

TDA7803A Datasheet(PDF) 34 Page - STMicroelectronics

Part # TDA7803A
Description  High efficiency digital input automotive quad power amplifier with built-in diagnostics features, start stop compatible
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7803A Datasheet(HTML) 34 Page - STMicroelectronics

Back Button TDA7803A Datasheet HTML 30Page - STMicroelectronics TDA7803A Datasheet HTML 31Page - STMicroelectronics TDA7803A Datasheet HTML 32Page - STMicroelectronics TDA7803A Datasheet HTML 33Page - STMicroelectronics TDA7803A Datasheet HTML 34Page - STMicroelectronics TDA7803A Datasheet HTML 35Page - STMicroelectronics TDA7803A Datasheet HTML 36Page - STMicroelectronics TDA7803A Datasheet HTML 37Page - STMicroelectronics TDA7803A Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 72 page
background image
Functional description
TDA7803A
34/72
DS12195 Rev 7
6.9
Mute management
The transition Mute → Play can happen once the device is in amplifier mode and IB2-
D3/D4 = "1" or after it has been put in mute for one of the causes listed in Table 9. It is done
by means of a digital ramp whose time constant is programmable by IB2 D7, D6 and D5
bits.
The transition Play → Mute occurs when certain conditions are verified and it can be Digital
or Analog. An overview of all the events that might happen is reported in the Table 9.
8 V
01101011
9 V
01111001
10 V
10000110
11 V
10010100
12 V
10100010
13 V
10101111
14 V
10111101
14.4 V
11000010
15 V
11001011
16 V
11011001
17 V
11100110
18 V
11110100
19 V
11111111
Table 8. VCC value express by 8 bit with thermometric code (continued)
VCC
ADC value
Table 9. Transition play to mute strategy
Cause of transition
Play
→ Mute
When it happens
Analog
Digital
I2C instruction
When bit IB2 D4,D3 = “0” (Mute
command)
No
Yes
Timing for transition is fixed by IB2 D7, D6, D5
Low battery mute
When there is a battery dip and
the Vs goes below the auto
mute threshold (selectable by
IB2 D1)
Yes
IB2-D2 = 0: Yes
IB2-D2 = 1: Disable
If digital mute is enabled, timing for transition is
fixed by IB2 D7-D6-D5
High battery mute
When Vs ramp up above 19V
Yes
No
PLL un-lock
The PLL lock detector goes
down for some reason
Yes
Not possible because in case of un-lock, digital
core is reset so not working
Thermal mute
When Tw1 is “1”
Yes
Disabled
Tristate command
No
Yes
Timing for transition is fixed by IB2-D7, D6, D5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com