Electronic Components Datasheet Search
  English  ▼

X  

TDA7803A Datasheet(PDF) 68 Page - STMicroelectronics

Part # TDA7803A
Description  High efficiency digital input automotive quad power amplifier with built-in diagnostics features, start stop compatible
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7803A Datasheet(HTML) 68 Page - STMicroelectronics

Back Button TDA7803A Datasheet HTML 64Page - STMicroelectronics TDA7803A Datasheet HTML 65Page - STMicroelectronics TDA7803A Datasheet HTML 66Page - STMicroelectronics TDA7803A Datasheet HTML 67Page - STMicroelectronics TDA7803A Datasheet HTML 68Page - STMicroelectronics TDA7803A Datasheet HTML 69Page - STMicroelectronics TDA7803A Datasheet HTML 70Page - STMicroelectronics TDA7803A Datasheet HTML 71Page - STMicroelectronics TDA7803A Datasheet HTML 72Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 68 / 72 page
background image
Package information
TDA7803A
68/72
DS12195 Rev 7
G1
25.70
26.00
26.30
1.0118
1.0236
1.0354
H (3)
28.90
29.23
29.30
1.1378
1.1508
1.1535
H1
-
17.00
-
-
0.6693
-
H2
-
12.80
-
-
0.5039
-
H3
-
0.80
-
-
0.0315
-
L (3)
21.64
22.04
22.44
0.8520
0.8677
0.8835
L1
10.15
10.50
10.85
0.3996
0.4134
0.4272
L2 (3)
15.50
15.70
15.90
0.6102
0.6181
0.6260
L3
7.70
7.85
7.95
0.3031
0.3091
0.3130
L4
-
5
-
-
0.1969
-
L5
5.15
5.45
5.85
0.2028
0.2146
0.2303
M
2.75
3.00
3.50
0.1083
0.1181
0.1378
M1
-
4.73
-
-
0.1862
-
M2
-
5.61
-
-
0.2209
-
N
-
2.20
-
-
0.0866
-
P
3.20
3.50
3.80
0.1260
0.1378
0.1496
R
-
1.70
-
-
0.0669
-
R1
-
0.5
-
-
0.0197
-
R2
-
0.3
-
-
0.0118
-
R3
-
1.25
-
-
0.0492
-
R4
-
0.50
-
-
0.0197
-
V5°
5°
V1
3°
3°
V2
20°
20°
V3
45°
45°
1. Values in inches are converted from mm and rounded to 4 decimal digits.
2. dam-bar protusion not included.
3. molding protusion included.
Table 35. Flexiwatt 27 (horizontal) package mechanical data (continued)
Ref
Dimensions
Millimeters
Inches(1)
Min.
Typ.
Max.
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com